Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 7 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 7 Page - ams AG

Back Button AS3933 Datasheet HTML 3Page - ams AG AS3933 Datasheet HTML 4Page - ams AG AS3933 Datasheet HTML 5Page - ams AG AS3933 Datasheet HTML 6Page - ams AG AS3933 Datasheet HTML 7Page - ams AG AS3933 Datasheet HTML 8Page - ams AG AS3933 Datasheet HTML 9Page - ams AG AS3933 Datasheet HTML 10Page - ams AG AS3933 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Pin Assignments
Pin Description
Figure 8:
QFN-16 Pin Description
Pin Name
Pin
Number
Pin Type
Description
LF3P
1
Analog I/O
Input antenna channel three
LF2P
2
Input antenna channel two
LF1P
3
Input antenna channel one
LFN
4
Common ground for antenna one, two and three
XIN
5
Crystal oscillator input
XOUT
6
Crystal oscillator output
VSS
7
Supply pad
Substrate
WAKE
8
Digital output
Wake-up output IRQ
DAT
9
Data output
CL_DAT
10
Manchester recovered clock
CS
11
Digital input
Chip select
SCL
12
SDI interface clock
SDI
13
SDI data input
SDO
14
Digital output /
tristate
SDI data output (tristate when CS is low)
VCC
15
Supply pad
Positive supply voltage
GND
16
Negative supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com