Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 15 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 15 Page - ams AG

Back Button AS3933 Datasheet HTML 11Page - ams AG AS3933 Datasheet HTML 12Page - ams AG AS3933 Datasheet HTML 13Page - ams AG AS3933 Datasheet HTML 14Page - ams AG AS3933 Datasheet HTML 15Page - ams AG AS3933 Datasheet HTML 16Page - ams AG AS3933 Datasheet HTML 17Page - ams AG AS3933 Datasheet HTML 18Page - ams AG AS3933 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Electrical Characteristics
RC Oscillator
FRCNCAL
Frequency
If no calibration is
performed
25
32.768
45
kHz
FRCCAL32
If calibration with 32.768
kHz reference signal is
performed
31
32.768
34.5
FRCCALMAX
Maximum achievable
frequency after calibration
23.75
FRCCALMIN
Minimum achievable
frequency after calibration
45
TRC
Start-up time
From RC enable
(R1<0> = 0)
1
s
TCALRC
Calibration time
65
Periods of
reference
clock
IRC
Current consumption
650
nA
LC Oscillator
FLCOMIN
Minimum Frequency
L=47mH (Premo:
SDTR1103-0108+),
C=2.3nF
15
kHz
FLCOMAX
Maximum Frequency
L=7.2mH (Premo:
SDTR1103-0720+), C=1nF
150
kHz
RPARMIN
Minimum Eq. Parallel
10
k
Ω
Tuning Caps
LF1Ptuning
Capacitance
Maximum internal
capacitance (in step of
1pF) on LF1P
31
pF
LF2Ptuning
Maximum internal
capacitance (in step of
1pF) on LF2P
31
pF
LF3Ptuning
Maximum internal
capacitance (in step of
1pF) on LF3P
31
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com