Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 2 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 2 Page - ams AG

  AS3933 Datasheet HTML 1Page - ams AG AS3933 Datasheet HTML 2Page - ams AG AS3933 Datasheet HTML 3Page - ams AG AS3933 Datasheet HTML 4Page - ams AG AS3933 Datasheet HTML 5Page - ams AG AS3933 Datasheet HTML 6Page - ams AG AS3933 Datasheet HTML 7Page - ams AG AS3933 Datasheet HTML 8Page - ams AG AS3933 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ams Datasheet
Page 1
[v1-08] 2015-Sep-02
Document Feedback
AS3933
3D Low Frequency Wake-Up Receiver
The AS3933 is a 3-channel low power ASK receiver that is able
to generate a wake-up upon detection of a data signal which
uses a LF carrier frequency between 15-150 kHz. The integrated
correlator can be used for detection of a programmable 16-bit
or 32-bit Manchester wake-up pattern. The device can operate
using one, two, or three active channels.
The AS3933 provides a digital RSSI value for each active
channel, it supports a programmable data rate and Manchester
decoding with clock recovery. The AS3933 offers an internal
Clock Generator, which is either derived from a crystal oscillator
or the internal RC oscillator. The user can decide to use the
external clock generator instead.
The programmable features of AS3933 enable to optimize its
settings for achieving a longer distance while retaining a
reliable wake-up generation. The sensitivity level of AS3933 can
be adjusted in presence of a strong field or in noisy
environments.
Antenna tuning is greatly simplified, as the automatic tuning
feature ensures perfect matching to the desired carrier
frequency.
The device is available in 16-pin TSSOP and 16-LD QFN (4x4mm)
packages, and DoW (dice on wafer).
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3933, 3D Low Frequency
Wake-Up Receiver are listed below:
Figure 1:
Added Value of Using AS3933
Benefits
Features
• Enables low power active tags
• 3-channel ASK wake-up receiver
• Selectable carrier frequency
• Carrier frequency range 15 – 150 kHz
• One, two, or three channel operation
• 1-D, 2-D, or 3-D wake-up pattern detection
• Highly resistant to false wake-ups
• 32-bit programmable wake-up pattern
• Improved immunity to false wake-ups
• Supporting doubling of wake-up pattern
• Allows frequency only detection
• Wake-up without pattern detection selectable
• Improved range with best-in-class
sensitivity
• Wake-up sensitivity 80μVRMS (typ.)
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com