Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 3 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 3 Page - ams AG

  AS3933 Datasheet HTML 1Page - ams AG AS3933 Datasheet HTML 2Page - ams AG AS3933 Datasheet HTML 3Page - ams AG AS3933 Datasheet HTML 4Page - ams AG AS3933 Datasheet HTML 5Page - ams AG AS3933 Datasheet HTML 6Page - ams AG AS3933 Datasheet HTML 7Page - ams AG AS3933 Datasheet HTML 8Page - ams AG AS3933 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − General Description
Applications
The AS3933, 3D Low Frequency Wake-Up Receiver is ideal for
Active RFID tags, Real-time location systems, Operator
identification, Access control, and Wireless sensors.
Figure 2:
AS3933 Typical Application Diagram with Crystal Oscillator
• Adjustable range
• Sensitivity level adjustable
• Provides tracking of false wake-ups
• False wake-up counter
• Ensures wake-up in a noise environment
• Periodical forced wake-up supported (1s – 2h)
• Extended battery life
• Current consumption in 3-channel listening mode
2.3 μA (typ.)
• Flexible clock configuration
• RTC based 32 kHz XTAL, RC-OSC, or external clock
• Operates from a 3V battery
• Operating supply range 2.4V – 3.6V (TA = 25°C)
• Industrial temperature range
• Operation temperature range -40°C to 85°C
Benefits
Features
XTAL
CL
CL
CBAT
TX
TRANSMITTER
VCC
VCC
LF1P
LF2P
LF3P
LFN
VSS
GND
XIN
XOUT
WAKE
DAT
CL_DAT
CS
SCL
SDI
SDO
AS3933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com