Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 22 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 22 Page - ams AG

Back Button AS3933 Datasheet HTML 18Page - ams AG AS3933 Datasheet HTML 19Page - ams AG AS3933 Datasheet HTML 20Page - ams AG AS3933 Datasheet HTML 21Page - ams AG AS3933 Datasheet HTML 22Page - ams AG AS3933 Datasheet HTML 23Page - ams AG AS3933 Datasheet HTML 24Page - ams AG AS3933 Datasheet HTML 25Page - ams AG AS3933 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
ams Datasheet
Page 21
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Artificial Wake-Up
For each of these sub modes it is possible to enable a further
feature called Artificial Wake-up. The Artificial Wake-up is a
counter based on the used Clock Generator. Three bits define a
time window (see R8<2:0>). If no activity is seen within this time
window, the chip will produce an interrupt on the WAKE pin
that lasts 128
μs. With this interrupt the microcontroller (μC)
can get feedback on the surrounding environment (e.g. read
the false wake-up register R13<7:0>) and/or take actions in
order to change the setup.
Preamble Detection / Pattern Correlation
The chip can go in to this mode after detecting a LF carrier only
if the data correlation is enabled (R1<1>=1). The correlator
searches first for preamble bits and then for data pattern. The
paragraph Wake-Up Protocol: Pattern Detection Enabled
describes how the protocol can be implemented. Should the
pattern correlation be disabled (R1<1>=0), the AS3933 goes
directly in Data receiving mode (see paragraph Data Receiving).
If the received pattern matches, then the wake-up interrupt is
displayed on the WAKE output (Wake goes high) and the chip
goes in Data receiving mode. If the pattern fails, then the
internal wake-up (on all active channels) is terminated and no
interrupt is produced.
Having per default DAT_MASK disabled (R0<6>=0), the DAT pin
shows the entire demodulated incoming signal (carrier
burst+preamble+pattern+data).
If DAT_MASK is enabled (R0<6>=1), the data will be displayed
only after the generation of the WAKEUP interrupt.
Note(s): It is important to note that the Manchester decoder
must be enabled (R1<3>=1) for this feature.
Data Receiving
After a successful wake-up the chip enters the data receiving
mode. In this mode the chip can be retained a normal OOK
receiver. The data is provided on the DAT pin and in case the
Manchester decoder is enabled (see R1<3>), the recovered
clock is present on the CL_DAT. It is possible to set the chip back
to listening mode either with a direct command CLEAR_WAKE
(see Figure 29) or by using the timeout feature. This feature
automatically sets the chip back to listening mode after a
certain time defined by the bits R7<7:5>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com