Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 59 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 59 Page - ams AG

Back Button AS3933 Datasheet HTML 55Page - ams AG AS3933 Datasheet HTML 56Page - ams AG AS3933 Datasheet HTML 57Page - ams AG AS3933 Datasheet HTML 58Page - ams AG AS3933 Datasheet HTML 59Page - ams AG AS3933 Datasheet HTML 60Page - ams AG AS3933 Datasheet HTML 61Page - ams AG AS3933 Datasheet HTML 62Page - ams AG AS3933 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Ordering & Contac t Information
The devices are available as the standard products shown in
Figure 69.
Figure 69:
Ordering Information
Note(s) and/or Footnote(s):
1. Dry Pack: Moisture Sensitivity Level (MSL) = 3, according to IPC/JEDEC J-STD-033A.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering
Code
Type
Marking
Delivery Form(1)
Delivery Quantity
AS3933-BTST
16-pin TSSOP
AS3933
7 inches Tape & Reel
1000 pcs/reel
AS3933-BQFT
QFN (4
×4) 16LD
AS3933
7 inches Tape & Reel
1000 pcs/reel
AS3933-BSWB
DoW
AS3933
Wafer Box
ca. 8000 dice/wafer
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com