Electronic Components Datasheet Search
  English  ▼

X  

AS3933 Datasheet(PDF) 47 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 47 Page - ams AG

Back Button AS3933 Datasheet HTML 43Page - ams AG AS3933 Datasheet HTML 44Page - ams AG AS3933 Datasheet HTML 45Page - ams AG AS3933 Datasheet HTML 46Page - ams AG AS3933 Datasheet HTML 47Page - ams AG AS3933 Datasheet HTML 48Page - ams AG AS3933 Datasheet HTML 49Page - ams AG AS3933 Datasheet HTML 50Page - ams AG AS3933 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-08] 2015-Sep-02
AS3933 − Detailed Description
If the carrier burst is shorter than what has been specified in
the Figure 52, then the frequency detection is not guaranteed.
In order to fulfill the protocol the carrier burst must be shorter
than 155 periods of the clock generator (crystal oscillator or
RCO or external clock). The carrier burst must be followed by a
separation bit and at least 6 bits preamble (101010). The
separation bit must last as half Manchester symbol (see
paragraph Pattern: Bit and Symbol Definition in Manchester
Code). The preamble and the pattern cannot be longer than 30
symbols in sum in case 16-bit pattern detection is enabled and
46 symbols if the 32-bit pattern detection is enabled.
In case the ON/OFF option is enabled (R0<5>=1) the minimum
duration of the carrier burst must be prolonged by the OFF time
defined in the R4<7:6>.
Should the carrier burst be longer than what is defined in the
Figure 52 or the number of preamble bits longer than what has
been specified above a false wake-up event might be recorded
in the register R13<7:0>.
If the Scan Mode be enabled (R0<4>=1) the minimum duration
of the carrier burst is defined in the Figure 53.
Figure 53:
Minimum Duration of the Carrier Burst in Case the Scanning
Mode is Enabled
Operating Frequency
Range [kHz]
Minimum Duration of the
Carrier Burst
95-150
80·Tclk+16Tcarr
65-95
92·Tclk+16Tcarr
40-65
180·Tclk+16Tcarr
23-40
224Tclk+16Tcarr
15-23
220·Tclk+8Tcarr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com