Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 30Page - Texas Instruments DRV8316 Datasheet HTML 31Page - Texas Instruments DRV8316 Datasheet HTML 32Page - Texas Instruments DRV8316 Datasheet HTML 33Page - Texas Instruments DRV8316 Datasheet HTML 34Page - Texas Instruments DRV8316 Datasheet HTML 35Page - Texas Instruments DRV8316 Datasheet HTML 36Page - Texas Instruments DRV8316 Datasheet HTML 37Page - Texas Instruments DRV8316 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
8.3.9 Propagation Delay
The propagation delay time (tpd) is measured as the time between an input logic edge to change in gate driver
voltage. This time has three parts consisting of the digital input deglitcher delay, analog driver, and comparator
delay.
The input deglitcher prevents high-frequency noise on the input pins from affecting the output state of the gate
drivers. To support multiple control modes, a small digital delay is added as the input command propagates
through the device.
tPD
OUTx Low
OUTx High
OUTx
Time
20%
INx
Figure 8-19. Propagation Delay Timing
8.3.9.1 Driver Delay Compensation
DRV8316-Q1 monitors the prorogation delay internally and adds a variable delay on top of it to provide fixed
delay as shown in Figure 8-20 and Figure 8-21. Delay compensation feature reduces uncertainty caused in
timing of current measurement and also reduces duty cycle distortion caused due to propagation delay.
The fixed delay is summation of propagation delay (tPD) caused to internal driver delay and variable delay (tVAR)
added to compensate for uncertainty. The fixed delay can be configured through DLY_TARGET register. Refer
Table 8-6 for recommendation on configuration for DLY_TARGET for different slew rate settings.
Delay compensation is only available in SPI variant DRV8316R-Q1 and can be enabled by configuring
DLYCMP_EN and DLY_TARGET. It is disabled in hardware variant DRV8316T-Q1
OUTx
Time
1V
INHx
tPD
tVAR
DLY_TARGET
tPD
tVAR
DLY_TARGET
1V
Figure 8-20. Delay Compensation with current
flowing out of phase
OUTx
Time
INLx
tPD
tVAR
DLY_TARGET
tPD
tVAR
DLY_TARGET
1V
1V
Figure 8-21. Delay Compensation with current
flowing into the phase
DRV8316-Q1
SLVSGK9 – JANUARY 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com