Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 9Page - Texas Instruments DRV8316 Datasheet HTML 10Page - Texas Instruments DRV8316 Datasheet HTML 11Page - Texas Instruments DRV8316 Datasheet HTML 12Page - Texas Instruments DRV8316 Datasheet HTML 13Page - Texas Instruments DRV8316 Datasheet HTML 14Page - Texas Instruments DRV8316 Datasheet HTML 15Page - Texas Instruments DRV8316 Datasheet HTML 16Page - Texas Instruments DRV8316 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tSET
Settling time to ±1%, 30 pF
Step on SOX = 1.2 V, GCSA = 0.15 V/A
1
μs
Step on SOX = 1.2 V, GCSA = 0.3 V/A
1
μs
Step on SOX = 1.2 V, GCSA = 0.6 V/A
1
μs
Step on SOX = 1.2 V, GCSA = 1.2 V/A
1
μs
VDRIFT
Drift offset
Phase current = 0 A
–160
160 µA/
℃
IVREF
VREF input current
VREF = 3.0 V
50
µA
PSRR
Power Supply Rejection Ratio
AVDD to SOx, DC
55
80
dB
AVDD to SOx, 10 kHz
39
56
dB
AVDD to SOx, 500 kHz
5
22
dB
PULSE-BY-PULSE CURRENT LIMIT
VLIM
Voltage on VLIM pin for cycle by cycle
current limit
AVDD/2
AVDD/2–
0.4
V
ILIMIT
Current limit corresponding to VLIM pin
voltage range
0
8
A
ILIM_AC
Current limit accuracy
–10
10
%
tBLANK
Cycle by cycle current limit blank time
5
µs
PROTECTION CIRCUITS
VUVLO
Supply undervoltage lockout (UVLO)
VM rising
4.3
4.4
4.5
V
VM falling
4.1
4.2
4.3
V
VUVLO_HYS
Supply undervoltage lockout hysteresis
Rising to falling threshold
140
200
350
mV
tUVLO
Supply undervoltage deglitch time
3
5
7
µs
VOVP
Supply overvoltage protection (OVP)
(SPI Device)
Supply rising, OVP_EN = 1, OVP_SEL =
0
32.5
34
35
V
Supply falling, OVP_EN = 1, OVP_SEL
= 0
31.8
33
34.3
V
Supply rising, OVP_EN = 1, OVP_SEL =
1
20
22
23
V
Supply falling, OVP_EN = 1, OVP_SEL
= 1
19
21
22
V
VOVP_HYS
Supply overvoltage protection (OVP)
(SPI Device)
Rising to falling threshold, OVP_SEL = 1
0.9
1
1.1
V
Rising to falling threshold, OVP_SEL = 0
0.7
0.8
0.9
V
tOVP
Supply overvoltage deglitch time
2.5
5
7
µs
VCPUV
Charge pump undervoltage lockout
(above VM)
Supply rising
2.3
2.5
2.7
V
Supply falling
2.2
2.4
2.6
V
VCPUV_HYS
Charge pump UVLO hysteresis
Rising to falling threshold
75
100
140
mV
VAVDD_UV
Analog regulator undervoltage lockout
Supply rising
2.7
2.85
3
V
Supply falling
2.5
2.65
2.8
V
VAVDD_
UV_HYS
Analog regulator undervoltage lockout
hysteresis
Rising to falling threshold
180
200
240
mV
IOCP
Overcurrent protection trip point (SPI
Device)
OCP_LVL = 0b
10
16
20
A
OCP_LVL = 1b
15
24
28
A
Overcurrent protection trip point (HW
Device)
OCP pin tied to AGND
10
16
21.5
A
OCP pin tied to AVDD
15
24
31
A
www.ti.com
DRV8316-Q1
SLVSGK9 – JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com