Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 84 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 80Page - Texas Instruments DRV8316 Datasheet HTML 81Page - Texas Instruments DRV8316 Datasheet HTML 82Page - Texas Instruments DRV8316 Datasheet HTML 83Page - Texas Instruments DRV8316 Datasheet HTML 84Page - Texas Instruments DRV8316 Datasheet HTML 85Page - Texas Instruments DRV8316 Datasheet HTML 86Page - Texas Instruments DRV8316 Datasheet HTML 87Page - Texas Instruments DRV8316 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
11.3 Thermal Considerations
The DRV8316-Q1 has thermal shutdown (TSD) as previously described. A die temperature in excess of 150°C
(minimally) disables the device until the temperature drops to a safe level.
Any tendency of the device to enter thermal shutdown is an indication of excessive power dissipation, insufficient
heatsinking, or too high an ambient temperature.
11.3.1 Power Dissipation
The power dissipated in the output FET resistance, or RDS(on) dominates power dissipation in the DRV8316-Q1.
At start-up and fault conditions, this current is much higher than normal running current; remember to take these
peak currents and their duration into consideration.
The total device dissipation is the power dissipated in each of the three half-H-bridges added together.
The maximum amount of power that the device can dissipate depends on ambient temperature and heatsinking.
Note that RDS(on) increases with temperature, so as the device heats, the power dissipation increases. Take this
into consideration when sizing the heatsink.
A summary of equations for calculating each loss is shown below for trapezoidal controland field-oriented
control.
Table 11-1. DRV8316-Q1 Power Losses for Trapezoidal and Field-oriented Control
Loss type
Trapezoidal
Field-oriented control
Standby power
Pstandby = VM x IVM_TA
LDO (from VM)
PLDO = (VM-VAVDD) x IAVDD, if BUCK_PS_DIS = 1b
PLDO = (VBK-VAVDD) x IAVDD, if BUCK_PS_DIS = 0b
FET conduction
PCON = 2 x (IRMS(trap))2 x Rds,on(TA)
PCON = 3 x (IRMS(FOC))2 x Rds,on(TA)
FET switching
PSW = IPK(trap) x VPK(trap) x trise/fall x fPWM
PSW = 3 x IPK(FOC) x VPK(FOC) x trise/fall x fPWM
Diode
Pdiode = IPK(trap) x Vdiode x tdead x fPWM
Pdiode = 3 x IPK(FOC) x Vdiode x tdead x fPWM
Demagnetization
Without Active Demag: 3 x IPK(trap) x Vdiode x
tcommutation x fmotor_elec
With Active Demag: 3 x (IRMS(trap))2 x
Rds,on(TA) x tcommutation x fmotor_elec
Not Applicable
Buck
PBK = 0.11 x VBK x IBK (ηBK = 90%)
DRV8316-Q1
SLVSGK9 – JANUARY 2022
www.ti.com
84
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com