Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 4Page - Texas Instruments DRV8316 Datasheet HTML 5Page - Texas Instruments DRV8316 Datasheet HTML 6Page - Texas Instruments DRV8316 Datasheet HTML 7Page - Texas Instruments DRV8316 Datasheet HTML 8Page - Texas Instruments DRV8316 Datasheet HTML 9Page - Texas Instruments DRV8316 Datasheet HTML 10Page - Texas Instruments DRV8316 Datasheet HTML 11Page - Texas Instruments DRV8316 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tWAKE
Wakeup time
VVM > VUVLO, nSLEEP = 1 to outputs
ready and nFAULT released
1
ms
tSLEEP
Sleep Pulse time
nSLEEP = 0 period to enter sleep mode
120
µs
tRST
Reset Pulse time
nSLEEP = 0 period to reset faults
20
40
µs
BUCK REGULATOR
VBK
Buck regulator average voltage
(LBK = 47 µH, CBK = 22 µF)
(SPI Device)
VVM > 6 V, 0 mA ≤ IBK ≤ 200 mA,
BUCK_SEL = 00b
3.1
3.3
3.5
V
VVM > 6 V, 0 mA ≤ IBK ≤ 200 mA,
BUCK_SEL = 01b
4.6
5.0
5.4
V
VVM > 6 V, 0 mA ≤ IBK ≤ 200 mA,
BUCK_SEL = 10b
3.7
4.0
4.3
V
VVM > 6.7 V, 0 mA ≤ IBK ≤ 200 mA,
BUCK_SEL = 11b
5.2
5.7
6.2
V
VVM < 6.0 V (BUCK_SEL = 00b, 01b,
10b) or VVM < 6.0 V (BUCK_SEL = 11b),
0 mA ≤ IBK ≤ 200 mA
VVM–
IBK*(RLBK+
2)(1)
V
VBK
Buck regulator average voltage
(LBK = 22 µH, CBK = 22 µF)
(SPI Device)
VVM > 6 V, 0 mA ≤ IBK ≤ 50 mA,
BUCK_SEL = 00b
3.1
3.3
3.5
V
VVM > 6 V, 0 mA ≤ IBK ≤ 50 mA,
BUCK_SEL = 01b
4.6
5.0
5.4
V
VVM > 6 V, 0 mA ≤ IBK ≤ 50 mA,
BUCK_SEL = 10b
3.7
4.0
4.3
V
VVM > 6.7 V, 0 mA ≤ IBK ≤ 50 mA,
BUCK_SEL = 11b
5.2
5.7
6.2
V
VVM < 6.0 V (BUCK_SEL = 00b, 01b,
10b) or VVM < 6.0 V (BUCK_SEL = 11b),
0 mA ≤ IBK ≤ 50 mA
VVM–
IBK*(RLBK+
2) (1)
V
VBK
Buck regulator average voltage
(RBK = 22 Ω, CBK = 22 µF)
(SPI Device)
VVM > 6 V, 0 mA ≤ IBK ≤ 40 mA,
BUCK_SEL = 00b
3.1
3.3
3.5
V
VVM > 6 V, 0 mA ≤ IBK ≤ 40 mA,
BUCK_SEL = 01b
4.6
5.0
5.4
V
VVM > 6 V, 0 mA ≤ IBK ≤ 40 mA,
BUCK_SEL = 10b
3.7
4.0
4.3
V
VVM > 6.7 V, 0 mA ≤ IBK ≤ 40 mA,
BUCK_SEL = 11b
5.2
5.7
6.2
V
VVM < 6.0 V (BUCK_SEL = 00b, 01b,
10b) or VVM < 6.0 V (BUCK_SEL = 11b),
0 mA ≤ IBK ≤ 40 mA
VVM–
IBK*(RBK+2
)
V
VBK
Buck regulator average voltage
(LBK = 47 µH, CBK = 22 µF)
(HW Device)
VVM > 6 V, 0 mA ≤ IBK ≤ 200 mA,
VSEL_BK pin tied to AGND
3.1
3.3
3.5
V
VVM > 6 V, 0 mA ≤ IBK ≤ 200
mA, VSEL_BK pin to Hi-Z
4.6
5.0
5.4
VVM > 6 V, 0 mA ≤ IBK ≤ 200
mA, VSEL_BK pin to 47 kΩ +/- 5% tied
to AVDD
3.7
4.0
4.3
VVM > 6.7 V, 0 mA ≤ IBK ≤ 200 mA,
VSEL_BK pin tied to AVDD
5.2
5.7
6.2
VVM < 6.0 V, 0 mA ≤ IBK ≤ 200 mA
VVM–
IBK*(RLBK+
2)(1)
V
DRV8316-Q1
SLVSGK9 – JANUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com