Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 20Page - Texas Instruments DRV8316 Datasheet HTML 21Page - Texas Instruments DRV8316 Datasheet HTML 22Page - Texas Instruments DRV8316 Datasheet HTML 23Page - Texas Instruments DRV8316 Datasheet HTML 24Page - Texas Instruments DRV8316 Datasheet HTML 25Page - Texas Instruments DRV8316 Datasheet HTML 26Page - Texas Instruments DRV8316 Datasheet HTML 27Page - Texas Instruments DRV8316 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
8.3.3 Device Interface Modes
The DRV8316-Q1 family of devices supports two different interface modes (SPI and hardware) to let the end
application design for either flexibility or simplicity. The two interface modes share the same four pins, allowing
the different versions to be pin-to-pin compatible. This compatibility lets application designers evaluate with one
interface version and potentially switch to another with minimal modifications to their design.
8.3.3.1 Serial Peripheral Interface (SPI)
The SPI devices support a serial communication bus that lets an external controller send and receive data
with the DRV8316-Q1. This support lets the external controller configure device settings and read detailed
fault information. The interface is a four wire interface using the SCLK, SDI, SDO, and nSCS pins which are
described as follows:
• The SCLK pin is an input that accepts a clock signal to determine when data is captured and propagated on
the SDI and SDO pins.
• The SDI pin is the data input.
• The SDO pin is the data output. The SDO pin uses an open-drain structure and requires an external pullup
resistor.
• The nSCS pin is the chip select input. A logic low signal on this pin enables SPI communication with the
DRV8316-Q1.
For more information on the SPI, see the Section 8.5 section.
8.3.3.2 Hardware Interface
Hardware interface devices convert the four SPI pins into four resistor-configurable inputs which are GAIN,
SLEW, MODE, and OCP.
This conversion lets the application designer configure the most common device settings by tying the pin logic
high or logic low, or with a simple pullup or pulldown resistor. This removes the requirement for an SPI bus from
the external controller. General fault information can still be obtained through the nFAULT pin.
• The GAIN pin configures the gain of the current sense amplifier.
• The SLEW pin configures the slew rate of the output voltage.
• The MODE pin configures the PWM control mode.
• The OCP/SR pin is used to configures the OCP level and active demagnetization modes.
For more information on the hardware interface, see the Section 8.3.10 section.
SDI
SDO
SCLK
SPI
Interface
nSCS
R
PU
VCC
AVDD
Figure 8-6. DRV8316R-Q1 SPI Interface
MODE
OCP/SR
SLEW
GAIN
R
SLEW
AVDD
AVDD
AVDD
AVDD
AVDD
Hardware
Interface
AVDD
Figure 8-7. DRV8316T-Q1 Hardware Interface
DRV8316-Q1
SLVSGK9 – JANUARY 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com