Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 7Page - Texas Instruments DRV8316 Datasheet HTML 8Page - Texas Instruments DRV8316 Datasheet HTML 9Page - Texas Instruments DRV8316 Datasheet HTML 10Page - Texas Instruments DRV8316 Datasheet HTML 11Page - Texas Instruments DRV8316 Datasheet HTML 12Page - Texas Instruments DRV8316 Datasheet HTML 13Page - Texas Instruments DRV8316 Datasheet HTML 14Page - Texas Instruments DRV8316 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
FOUR-LEVEL INPUTS (GAIN, MODE, SLEW, VSEL_BK)
VL1
Input mode 1 voltage
Tied to AGND
0
0.2*AVD
D
V
VL2
Input mode 2 voltage
Hi-Z
0.27*AV
DD
0.5*AVDD
0.545*AV
DD
V
VL3
Input mode 3 voltage
47 kΩ +/- 5% tied to AVDD
0.606*AV
DD
0.757*AVD
D
0.909*AV
DD
V
VL4
Input mode 4 voltage
Tied to AVDD
0.945*AV
DD
AVDD
V
RPU
Input pullup resistance
To AVDD
70
100
130
kΩ
RPD
Input pulldown resistance
To AGND
70
100
130
kΩ
FOUR-LEVEL INPUTS (OCP/SR)
VL1
Input mode 1 voltage
Tied to AGND
0
0.09*AV
DD
V
VL2
Input mode 2 voltage
22 kΩ ± 5% to AGND
0.12*AV
DD
0.15*AVDD
0.2*AVD
D
V
VL3
Input mode 3 voltage
Hi-Z
0.45*AV
DD
0.5*AVDD
0.55*AV
DD
V
VL4
Input mode 4 voltage
Tied to AVDD
0.94*AV
DD
AVDD
V
RPU
Input pullup resistance
To AVDD
80
100
120
kΩ
RPD
Input pulldown resistance
To AGND
80
100
120
kΩ
OPEN-DRAIN OUTPUTS (nFAULT)
VOL
Output logic low voltage
IOD = 5 mA
0.4
V
IOH
Output logic high current
VOD = 5 V
–1
1
µA
COD
Output capacitance
30
pF
PUSH-PULL OUTPUTS (SDO)
VOL
Output logic low voltage
IOP = 5 mA
0
0.4
V
VOH
Output logic high voltage
IOP = 5 mA
2.2
5.5
V
IOL
Output logic low leakage current
VOP = 0 V
–1
1
µA
IOH
Output logic high leakage current
VOP = 5 V
–1
1
µA
COD
Output capacitance
30
pF
DRIVER OUTPUTS
RDS(ON)
Total MOSFET on resistance (High-side
+ Low-side)
VVM > 6 V, IOUT = 1 A, TA = 25°C
95
120
mΩ
VVM < 6 V, IOUT = 1 A, TA = 25°C
105
130
mΩ
VVM > 6 V, IOUT = 1 A, TJ = 150 °C
140
185
mΩ
VVM < 6 V, IOUT = 1 A, TJ = 150 °C
145
190
mΩ
SR
Phase pin slew rate switching low to high
(Rising from 20 % to 80 %)
VVM = 24 V, SLEW = 00b or SLEW pin
tied to AGND
14
25
45
V/us
VVM = 24 V, SLEW = 01b or SLEW pin to
Hi-Z
30
50
80
V/us
VVM = 24 V, SLEW = 10b or SLEW pin to
47 kΩ +/- 5% to AVDD
80
125
185
V/us
VVM = 24 V, SLEW = 11b or SLEW pin
tied to AVDD
130
200
280
V/us
www.ti.com
DRV8316-Q1
SLVSGK9 – JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com