Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 45Page - Texas Instruments DRV8316 Datasheet HTML 46Page - Texas Instruments DRV8316 Datasheet HTML 47Page - Texas Instruments DRV8316 Datasheet HTML 48Page - Texas Instruments DRV8316 Datasheet HTML 49Page - Texas Instruments DRV8316 Datasheet HTML 50Page - Texas Instruments DRV8316 Datasheet HTML 51Page - Texas Instruments DRV8316 Datasheet HTML 52Page - Texas Instruments DRV8316 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
8.3.15.1 VM Supply Undervoltage Lockout (NPOR)
If at any time the input supply voltage on the VM pin falls lower than the VUVLO threshold (VM UVLO falling
threshold), all of the integrated FETs, driver charge-pump and digital logic controller are disabled as shown in
Figure 8-40. Normal operation resumes (driver operation) when the VM undervoltage condition is removed. The
NPOR bit is reset and latched low in the IC status (IC_STAT) register once the device presumes VM. The NPOR
bit remains in reset condition until cleared through the CLR_FLT bit or an nSLEEP pin reset pulse (tRST).
VUVLO (min) falling
VUVLO (max) falling
VUVLO (max) rising
VUVLO (min) rising
VVM
DEVICE ON
DEVICE OFF
DEVICE ON
Time
Figure 8-40. VM Supply Undervoltage Lockout
8.3.15.2 AVDD Undervoltage Lockout (AVDD_UV)
If at any time the voltage on AVDD pin falls lower than the VAVDD_UV threshold, all of the integrated FETs, driver
charge-pump and digital logic controller are disabled. Normal operation resumes (driver operation) when the
AVDD undervoltage condition is removed. The NPOR bit is reset and latched low in the IC status (IC_STAT)
register once the device presumes VM. The NPOR bit remains in reset condition until cleared through the
CLR_FLT bit or an nSLEEP pin reset pulse (tRST).
8.3.15.3 BUCK Undervoltage Lockout (BUCK_UV)
If at any time the voltage on VFB_BK pin falls lower than the VBK_UV threshold, the integrated FETs of the buck
regulator are disabled while the driver FETs, charge pump, and digital logic control continue to operate normally.
The nFAULT pin is driven low in the event of a buck undervoltage fault, and the BK_FLT bit in IC_STAT register
is set in SPI devices. The FAULT and BUCK_UV bits are also latched high in the registers on SPI devices.
Normal operation starts again (buck regulator operation and the nFAULT pin is released) when the BUCK
undervoltage condition clears. The BK_FLT and BUCK_UV bits stay set until cleared through the CLR_FLT bit or
an nSLEEP pin reset pulse (tRST).
8.3.15.4 VCP Charge Pump Undervoltage Lockout (CPUV)
If at any time the voltage on the VCP pin (charge pump) falls lower than the VCPUV threshold voltage of the
charge pump, all of the integrated FETs are disabled and the nFAULT pin is driven low. The FAULT and VCP_UV
bits are also latched high in the registers on SPI devices. Normal operation starts again (driver operation and
the nFAULT pin is released) when the VCP undervoltage condition clears. The CPUV bit stays set until cleared
through the CLR_FLT bit or an nSLEEP pin reset pulse (tRST). The CPUV protection is always enabled in both
hardware and SPI device varaints.
8.3.15.5 Overvoltage Protections (OV)
If at any time input supply voltage on the VM pins rises higher lower than the VOVP threshold voltage, all of the
integrated FETs are disabled and the nFAULT pin is driven low. The FAULT and OVP bits are also latched high
in the registers on SPI devices. Normal operation starts again (driver operation and the nFAULT pin is released)
when the OVP condition clears. The OVP bit stays set until cleared through the CLR_FLT bit or an nSLEEP pin
www.ti.com
DRV8316-Q1
SLVSGK9 – JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com