Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8316 Datasheet HTML 1Page - Texas Instruments DRV8316 Datasheet HTML 2Page - Texas Instruments DRV8316 Datasheet HTML 3Page - Texas Instruments DRV8316 Datasheet HTML 4Page - Texas Instruments DRV8316 Datasheet HTML 5Page - Texas Instruments DRV8316 Datasheet HTML 6Page - Texas Instruments DRV8316 Datasheet HTML 7Page - Texas Instruments DRV8316 Datasheet HTML 8Page - Texas Instruments DRV8316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
DRV8316-Q1 Three-Phase Integrated FET Motor Driver
1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C ≤ TA ≤ 125°C
• Three-phase BLDC motor driver
• 4.5-V to 35-V operating voltage (40-V abs max)
• High output current capability: 8-A Peak
• Low MOSFET on-state resistance
– 95-mΩ RDS(ON) (HS + LS) at TA = 25°C
• Low power sleep mode
– 1.5-µA at VVM = 24-V, TA = 25°C
• Multiple control interface options
– 6x PWM control interface
– 3x PWM control interface
• Supports up to 200-kHz PWM frequency for low
inductance motor support
• Cycle-by-cycle current limit
• Integrated built-in current sense
– Doesn't require external current sense resistors
• Hardware or 5-MHz 16-bit SPI interface
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Built-in 3.3-V (5%), 30-mA LDO regulator
• Built-in 3.3-V/5-V, 200-mA buck regulator
• Delay compensation reduces duty cycle distortion
• Suite of integrated protection features
– Supply undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal warning and shutdown (OTW/OTSD)
– Fault condition indication pin (nFAULT)
– Optional fault diagnostics over SPI interface
2 Applications
• Brushless-DC (BLDC) Motor Modules
• Automotive LIDAR
• Small Automotive Fans and Pumps
• Automotive Actuators
3 Description
The DRV8316-Q1 provides a single-chip power stage
solution for customers driving 12-V brushless-DC
motors up to 40-W. The DRV8316-Q1 integrates
three 1/2-H bridges with 40-V absolute maximum
capability and a very low RDS(ON) of 95mOhms
(high-side plus low-side) to enable high power drive
capability. Current is sensed using an integrated
current sensing feature which eliminates the need for
external sense resistors. Power management features
of an adjustable buck regulator and LDO generate
the necessary voltage rails for the device and can be
used to power external circuits.
DRV8316-Q1 implements a 6x or 3x PWM control
scheme which can be used to implement sensored
or sensorless field-oriented control (FOC), sinusoidal
control, or trapezoid control using an external
microcontroler. The DRV8316-Q1 is capable of driving
a PWM frequency up to 200 kHz. The control
scheme is highly configurable through hardware pins
or register settings ranging from motor current limiting
behavior to fault response.
There are a large number of protection features
integrated into the DRV8316-Q1, intended to protect
the device, motor, and system against fault events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8316R-Q1
VQFN (40)
7.00 mm x 5.00 mm
DRV8316T-Q1(2)
VQFN (40)
7.00 mm x 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Device available for preview only.
nSLEEP
DRVOFF
SPI
Only on SPI
variant
PWM input
6x / 3x PWM
CSA out
nFAULT
A
B
C
4.5V to 35V (40V abs max)
8-A peak output current,
typically 12-V, <40W
motors
Buck/LDO out
3.3 or 5.0 V, up to 200mA
DRV8316-Q1
Buck/LDO Regulator
Integrated Current Sensing
Built-in Protec on
Charge Pump
MCU
Simplified Schematic
DRV8316-Q1
SLVSGK9 – JANUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8316 TI-DRV8316 Datasheet
2Mb / 83P
DRV8316 Three-Phase Integrated FET Motor Driver
DRV8316C TI-DRV8316C Datasheet
3Mb / 95P
DRV8316C Three-Phase Integrated FET Motor Driver
DECEMBER 2022
DRV8316C TI-DRV8316C Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
DRV8316C-Q1 TI-DRV8316C-Q1 Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
DRV8316CR TI-DRV8316CR Datasheet
3Mb / 95P
DRV8316C Three-Phase Integrated FET Motor Driver
DECEMBER 2022
More results

Similar Description - DRV8316

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
THREE PHASE MOTOR DRIVER
Aug-2003
logo
Texas Instruments
DRV3203-Q1 TI1-DRV3203-Q1 Datasheet
548Kb / 39P
DRV3203-Q1 Three-Phase Brushless Motor Driver
DRV3204-Q1 TI1-DRV3204-Q1 Datasheet
542Kb / 38P
DRV3204-Q1 Three-Phase Brushless Motor Driver
DRV3210-Q1 TI1-DRV3210-Q1 Datasheet
536Kb / 38P
DRV3210-Q1 Three-Phase Brushless Motor Driver
DRV8316 TI-DRV8316 Datasheet
2Mb / 83P
DRV8316 Three-Phase Integrated FET Motor Driver
DRV10982-Q1 TI-DRV10982-Q1 Datasheet
3Mb / 82P
DRV10982-Q1 Automotive, Three-Phase, Sensorless BLDC Motor Driver
REVISED OCTOBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1 Datasheet
2Mb / 92P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1_V01 Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
DRV8316C TI-DRV8316C Datasheet
3Mb / 95P
DRV8316C Three-Phase Integrated FET Motor Driver
DECEMBER 2022
DRV8316C-Q1 TI-DRV8316C-Q1 Datasheet
3Mb / 95P
DRV8316C-Q1 Automotive Three-Phase Integrated FET Motor Driver
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com