Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 35Page - Texas Instruments DRV8316 Datasheet HTML 36Page - Texas Instruments DRV8316 Datasheet HTML 37Page - Texas Instruments DRV8316 Datasheet HTML 38Page - Texas Instruments DRV8316 Datasheet HTML 39Page - Texas Instruments DRV8316 Datasheet HTML 40Page - Texas Instruments DRV8316 Datasheet HTML 41Page - Texas Instruments DRV8316 Datasheet HTML 42Page - Texas Instruments DRV8316 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
8.3.12 Current Sense Amplifier Offset Correction
CSA output has an offset induced due to ground differences between the sense FET and output FET. When
running trapezoidal control or another single-shunt based control (sensored sine, for example) this CSA offset
has no impact to operation. When running sensorless sinusoidal or FOC control where two or three current
sense are required, some current distortion and noise may occur unless the user implements the corrective
action below.
Corrective Action: Implement the below equations in firmware to correct for any current induced offset:
1. When all three current sense amplifiers are used:
ia=0.995832*ia_sensed  −0.028199*ib_sensed  −0.014988*ic_sensed
(5)
ib= 0.037737*iasensed +1.007723*ib_sensed  −0.033757*ic_sensed
(6)
ic= 0.009226*iasensed+ 0.029805*ibsensed +1.003268*ic_sensed
(7)
2. When only two of the three current sense amplifiers are used:
a. Current sensed in phases A & B:
ia= 1.013075*ia_sensed  −0.01236*ib_sensed
(8)
ia= 1.013075*ia_sensed  −0.01236*ib_sensed
(9)
ic=− ia+ib
(10)
b. Current sensed in phases B & C:
ib= 0.971197*ib_sensed  −0.0683*ic_sensed
(11)
ic= 0.020876*ibsensed +0.994823*ic_sensed
(12)
ia=− ib+ic
(13)
c. Current sensed in phases C & A:
ia= 1.025489*iasensed +0.011936*ic_sensed
(14)
ic= 0.022043*iasensed+0.996548*ic_sensed
(15)
ib=− ia+ic
(16)
www.ti.com
DRV8316-Q1
SLVSGK9 – JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com