Electronic Components Datasheet Search
  English  ▼

X  

DRV8316 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8316
Description  DRV8316-Q1 Three-Phase Integrated FET Motor Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8316 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV8316 Datasheet HTML 16Page - Texas Instruments DRV8316 Datasheet HTML 17Page - Texas Instruments DRV8316 Datasheet HTML 18Page - Texas Instruments DRV8316 Datasheet HTML 19Page - Texas Instruments DRV8316 Datasheet HTML 20Page - Texas Instruments DRV8316 Datasheet HTML 21Page - Texas Instruments DRV8316 Datasheet HTML 22Page - Texas Instruments DRV8316 Datasheet HTML 23Page - Texas Instruments DRV8316 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
Table 8-2. PWM Control Modes
MODE Type
MODE Pin
(Hardware
Variant)
PWM_MODE Bits
(SPI Variant)
MODE
Mode 1
Connected to
AGND
PWM_MODE =
00b
6x Mode
Mode 2
Hi-Z
PWM_MODE =
01b
6x Mode with Current Limit
Mode 3
Connected to
AVDD with RMODE
PWM_MODE =
10b
3x Mode
Mode 4
Connected to
AVDD
PWM_MODE = 11b
3x Mode with Current Limit
Note
Texas Instruments does not recommend changing the MODE pin or PWM_MODE register during
operation of the power MOSFETs. Set all INHx and INLx pins to logic low before changing the MODE
pin or PWM_MODE register.
8.3.2.1 6x PWM Mode (MODE = 00b or MODE Pin Tied to AGND)
In 6x PWM mode, each half-bridge supports three output states: low, high, or high-impedance (Hi-Z). The
corresponding INHx and INLx signals control the output state as listed in Table 8-3.
Table 8-3. 6x PWM Mode Truth Table
INLx
INHx
PHASEx
0
0
Hi-Z
0
1
H
1
0
L
1
1
Hi-Z
Figure 8-3 shows the application diagram of DRV8316-Q1 configured in 6x PWM mode.
DRV8316-Q1
SLVSGK9 – JANUARY 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8316-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com