Electronic Components Datasheet Search
  English  ▼

X  

SN8045 Datasheet(PDF) 32 Page - Texas Instruments

Part # SN8045
Description  Cool-GG Programmable Battery Management IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN8045 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN8045 Datasheet HTML 28Page - Texas Instruments SN8045 Datasheet HTML 29Page - Texas Instruments SN8045 Datasheet HTML 30Page - Texas Instruments SN8045 Datasheet HTML 31Page - Texas Instruments SN8045 Datasheet HTML 32Page - Texas Instruments SN8045 Datasheet HTML 33Page - Texas Instruments SN8045 Datasheet HTML 34Page - Texas Instruments SN8045 Datasheet HTML 35Page - Texas Instruments SN8045 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
www.ti.com
4.8
SMBCTL (address 8014h): SMBus Control Register
SN8040
SN8045
Cool-GG Programmable Battery Management IC
SLUS753B – JANUARY 2007 – REVISED FEBRUARY 2008
This read-write register controls the operation of the SMBus peripheral.
SMBCTL REGISTER (ADDRESS 8014h)
7
6
5
4
3
2
1
0
Name
NC_SMB
BLI_EDGE
BLI_EN
PEC_DIS
BFI_EN
SMB_RST
ISOLATE
SA_EN
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
NC_SMB (bit 7): SMBus high time timeout disable bit. This bit is used to disable the SMBus high time
timeout in systems that may not conform to SMBus specifications.
1 = SMBus high time timeout disabled
0 = SMBus high time timeout enabled, conforms to SMBus specifications
BLI_EDGE (bit 6): Bus low interrupt polarity bit. This bit determines whether to generate an interrupt
when BUS_LOW goes active, or when BUS_LOW goes inactive. BLI_EN must be set to
trigger a bus low interrupt. BLI_EDGE should only be set if BUS_LOW is already active.
1 = If BLI_EN=1, generates an interrupt when BUS_LOW goes inactive.
0 = If BLI_EN=1, generates an interrupt when BUS_LOW goes active.
BLI_EN (bit 5): Bus low interrupt enable bit. This bit is used to enable SMB bus low timeout detection, and
will generate an SMB interrupt if the SMBus clock and data lines have both been low for a
time exceeding the programmable SMB bus low timeout (SMBBUSLO register, default=2s).
This bit can be used to implement the charger broadcast re-enable function as described in
the Smart Battery Data specification.
1 = Enable SMB bus low detection.
0 = Disable SMB bus low detection.
PEC_DIS (bit 4): Packet error checking engine disable bit. This bit disables PEC engine to conserve
power if PEC checking or generation is not required.
1 = PEC engine disabled
0 = PEC engine enabled
BFI_EN (bit 3): Bus free interrupt enable bit. This bit enables interrupt when BUS_FREE is set.
1 = Assert interrupt in response to BUS_FREE assertion
0 = Mask assertion of interrupt in response to BUS_FREE assertion; BUS_FREE must be
polled to determine active state of SMBus
SMB_RST (bit 2): SMB engine software reset bit.
1 = Reset SMB engine
0 = SMB normal operation
ISOLATE (bit 1): SMBus isolation bit. This bit isolates SMB peripheral from SMBus.
1= Disconnect SMB peripheral from SMBus
0 = SMB normal operation
SA_EN (bit 0): Slave address detection enable bit. This bit enables assertion of SA_RDY to allow the
device to respond to multiple slave addresses.
1 = SA_RDY asserted in response to any slave address detected on SMBus; CPU required
to ACK or NACK address via SMBACK
0 = SMB normal operation; SMB engine ACKs address programmed in SMBTAR without
CPU intervention
System Management Bus (SMBus) Peripheral and Operation Interface
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com