Electronic Components Datasheet Search
  English  ▼

X  

SN8045 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN8045
Description  Cool-GG Programmable Battery Management IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN8045 Datasheet(HTML) 2 Page - Texas Instruments

  SN8045 Datasheet HTML 1Page - Texas Instruments SN8045 Datasheet HTML 2Page - Texas Instruments SN8045 Datasheet HTML 3Page - Texas Instruments SN8045 Datasheet HTML 4Page - Texas Instruments SN8045 Datasheet HTML 5Page - Texas Instruments SN8045 Datasheet HTML 6Page - Texas Instruments SN8045 Datasheet HTML 7Page - Texas Instruments SN8045 Datasheet HTML 8Page - Texas Instruments SN8045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
Contents
SN8040
SN8045
Cool-GG Programmable Battery Management IC
SLUS753B – JANUARY 2007 – REVISED FEBRUARY 2008
1
Introduction
......................................................................................................................... 7
1.1
Features
....................................................................................................................... 7
1.2
Applications
................................................................................................................... 7
1.3
Description
.................................................................................................................... 7
1.4
Functional Block Diagram
.................................................................................................. 8
1.5
Terminal Assignments
....................................................................................................... 9
PACKAGE THERMAL DATA
............................................................................................. 10
2
Specifications
.................................................................................................................... 11
2.1
Absolute Maximum Ratings
............................................................................................... 11
2.2
Recommended Operating Conditions
................................................................................... 11
2.3
Electrical Characteristics
.................................................................................................. 12
2.4
Data Flash Characteristics Over Recommended Operating Temperature and Supply Voltage
................. 16
2.5
SMBus Timing Characteristics
............................................................................................ 16
2.5.1
Typical Characteristics
.................................................................................................... 18
3
General Operation Overview
................................................................................................ 19
3.1
Power Mode Control
....................................................................................................... 19
3.1.1
Power On Reset
................................................................................................. 19
3.1.2
Power Modes
.................................................................................................... 19
3.2
Watchdog Timer
............................................................................................................ 20
3.3
Cell Voltage Multiplexer and High Voltage Translation
................................................................ 20
3.3.1
2, 3 or 4 cell hardware configuration
.......................................................................... 20
3.3.2
Cell Voltage
...................................................................................................... 21
3.3.3
Battery Pack and Battery stack voltage
...................................................................... 21
3.4
Cell Balancing
.............................................................................................................. 21
3.5
Charge & Discharge N-Channel FET Drive
............................................................................. 21
3.6
Pre-Charge FET, GPOD Drive & 0V Charging
......................................................................... 21
3.7
AFE Control & Configuration
.............................................................................................. 22
3.8
Overload & Short Circuit Comparators & Delay
........................................................................ 22
3.9
CoolRISC Processor
....................................................................................................... 22
3.10
Data and Program Memory
............................................................................................... 23
3.11
Delta-Sigma ACD & integrating Coloumb Counter
.................................................................... 24
3.12
Internal Temperature Sensor
............................................................................................. 25
3.13
I/O Specialized Functions
................................................................................................. 25
3.14
Power Regulation & Management
....................................................................................... 25
3.15
Internal Oscillator
........................................................................................................... 25
3.16
Power Consumption
....................................................................................................... 26
3.17
Mask ROM Functions
...................................................................................................... 26
4
System Management Bus (SMBus) Peripheral and Operation Interface
..................................... 28
4.1
SMB Interrupts
.............................................................................................................. 28
4.2
Operating as a Slave
...................................................................................................... 28
4.2.1
For a Slave Read
................................................................................................ 28
4.2.2
For a Slave Write
................................................................................................ 29
4.3
Operating as a Master
..................................................................................................... 29
4.3.1
SMBMA Register for an LSB = 1: (R/W_B = 1), Master Read:
........................................... 29
4.3.2
SMBMA Register for an LSB = 0: (R/W_B = 0), Master Write:
............................................ 29
4.4
SMBMA (address 8010h):SMBus Master Address Register
......................................................... 30
4.5
SMBDA (address 8011h): SMBus Data Register
...................................................................... 30
4.6
SMBACK (address 8012h): SMBus Acknowledge Register
.......................................................... 30
4.7
SMBSTA (address 8013h): SMBus Status Register
................................................................... 31
4.8
SMBCTL (address 8014h): SMBus Control Register
.................................................................. 32
Contents
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com