Electronic Components Datasheet Search
  English  ▼

X  

SN8045 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN8045
Description  Cool-GG Programmable Battery Management IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN8045 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN8045 Datasheet HTML 17Page - Texas Instruments SN8045 Datasheet HTML 18Page - Texas Instruments SN8045 Datasheet HTML 19Page - Texas Instruments SN8045 Datasheet HTML 20Page - Texas Instruments SN8045 Datasheet HTML 21Page - Texas Instruments SN8045 Datasheet HTML 22Page - Texas Instruments SN8045 Datasheet HTML 23Page - Texas Instruments SN8045 Datasheet HTML 24Page - Texas Instruments SN8045 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
www.ti.com
3.3.2
Cell Voltage
3.3.3
Battery Pack and Battery stack voltage
3.4
Cell Balancing
3.5
Charge & Discharge N-Channel FET Drive
3.6
Pre-Charge FET, GPOD Drive & 0V Charging
SN8040
SN8045
Cool-GG Programmable Battery Management IC
SLUS753B – JANUARY 2007 – REVISED FEBRUARY 2008
Table 3-2. 2, 3 or 4 cell hardware configuration
Cells
VC1
VC2
VC3
VC4
VC5
2
connect to VC3
connect to VC3
top cell+
top cell- & bottom cell+
bottom cell-
middle cell - & bottom
3
connect to VC2
top cell+
top cell- & middle cell+
bottom cell-
cell+
top cell- & top medium
top medium cell- &
bottom medium cell- &
4
top cell+
bottom cell-
cell+
bottom medium cell+
bottom cell+
The individual cell voltages between VC5 VC4, VC4 VC3, VC3, VC2 and VC2 VC1 pins can be selected
with the CELL1, CELL0 bits in CELL_SEL register. The output of the voltage translation is presented to
RC0 and RC1 of the MCU RC register and can be read with the MCU ADC and also can be measured at
VCELL+ pin. The voltage output is inverse proportional to the VCx input using the following equation:
VCELL+ = –K × VCELLIN + 0.975V
Where:
• K = 0.150
• V
CELLIN = input voltage at VC(x) and VC(x+1) pin
The voltage at PACK pin and VC1 pin referenced to VSS pin can be selected with the BAT and PACK bit
in the FUNCTION_CTL register. If both bits are set at the same time, VC1 pin voltage is presented at the
output. The output of the voltage translation is presented to RC0 and RC1 of the MCU RC register and
can be read with the MCU ADC and also be measured at VCELL+ pin. The voltage output follows
following equation:
VCELL+ = VIN / 18
Where:
• V
IN = Voltage at PACK pin if PACK bit is set
• V
IN = Voltage at VC1 pin if BAT bit is set
The cell balancing allows a small controllable bypass path for the cells connected to the VCx pins. During
charging this bypass can reduce the charge current to any cell in the cell stack to adjust the cell charge to
the same level. The bypass current is set by series resistors placed between VCx pin and the cell. The
bypass can be selected in the CELL_SEL register of the AFE control.
The SN8040 has integrated charge pumps to drive the gates of charge and discharge N-FET. The charge
and discharge FET can be controlled with the OUTPUT_CONTROL register in the AFE control only if the
hardware protection not tripped. The SN8040 will turn either the CHG or DSG FET off if the hardware
overload or short-circuit protection trips. The default state of the CHG FET and DSG FET is off.
The SN8040/SN8045 can control a extra low current pre-charge path using P-FET with the ZVCHG pin in
addition to the charge FET. With the high voltage general purpose open drain output pin (GPOD)
additional control methods can be realized. both ZVCHG pin and GPOD pin can be controlled in the
OUTPUT_CONTROL register.
The device also supports current limited 0-V charging using CHG FET in case battery stack voltage is too
low for the device to operate. Connect PMS pin to PACK pin to enable 0V charging with the CHG FET.
Connect PMS pin to VSS to disable 0V charging with CHG FET.
Submit Documentation Feedback
General Operation Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com