Electronic Components Datasheet Search
  English  ▼

X  

SN8045 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN8045
Description  Cool-GG Programmable Battery Management IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN8045 Datasheet(HTML) 3 Page - Texas Instruments

  SN8045 Datasheet HTML 1Page - Texas Instruments SN8045 Datasheet HTML 2Page - Texas Instruments SN8045 Datasheet HTML 3Page - Texas Instruments SN8045 Datasheet HTML 4Page - Texas Instruments SN8045 Datasheet HTML 5Page - Texas Instruments SN8045 Datasheet HTML 6Page - Texas Instruments SN8045 Datasheet HTML 7Page - Texas Instruments SN8045 Datasheet HTML 8Page - Texas Instruments SN8045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
SN8040
SN8045
Cool-GG Programmable Battery Management IC
SLUS753B – JANUARY 2007 – REVISED FEBRUARY 2008
4.9
SMBPEC (address 8015h): SMBus Packet Error Check Register
.................................................. 33
4.10
SMBTAR (address 8016h): SMBus Target Slave Register
........................................................... 33
4.11
SMBBUSLO (address 8017h): SMBus Bus Low Timeout Program Register
...................................... 34
5
HDQ Single-Pin Serial Interface Peripheral (SN8045 only)
....................................................... 35
5.1
HDQSTA (address 8020h): HDQ Input and Interrupt Control Register (SN8045 only)
........................... 36
5.2
HDQOUT (address 8021h): HDQ Output Control Register (SN8045 only)
......................................... 36
6
Analog-to-Digital Converter (ADC) Operation
......................................................................... 37
6.1
ADCTLO (address 8030h): ADC Control Register
..................................................................... 37
6.2
ADCTL1 (address 8031h): ADC Control Register 1
................................................................... 39
6.3
ADHI, ADMID, ADLO (address 8032h, 8033h, 8034h): ADC Data Registers
...................................... 39
7
Coulomb Counter Operation
................................................................................................ 40
7.1
CCCTL (address 8040h): Coulomb Counter Control Register
....................................................... 41
7.2
CCHI, CCLO (address 8041h, 8042h): Coulomb Counter Data Register
.......................................... 41
8
Clock Generator Peripheral
................................................................................................. 42
8.1
Low Frequency Oscillator Operation
..................................................................................... 42
8.2
High Frequency Oscillator Operation
.................................................................................... 42
8.3
Timers
........................................................................................................................ 42
8.3.1
Interrupt Timer
................................................................................................... 42
8.3.2
Bus-Low Timer
................................................................................................... 42
8.3.3
Watchdog and Wake Timer
.................................................................................... 42
8.3.4
Timer A and Timer B
............................................................................................ 42
8.4
Capture Mode
............................................................................................................... 44
8.5
Compare Mode
............................................................................................................. 44
8.6
PWM Mode
.................................................................................................................. 45
8.7
CLKCTL (address 8050h): Clock Control Register
.................................................................... 47
8.8
TMRCTLW (address: 8060h): Timer Control Register
................................................................ 48
8.9
TMRPERW (address: 8061h): Watchdog and Wake Timer Program Register
................................... 48
8.10
TMRCTLA (address: 8062h): Timer A Control Register
.............................................................. 49
8.11
TMRCTLB (address: 8063h): Timer B Control Register
.............................................................. 50
8.12
TMRCTLC (address: 8064h): Capture/Compare/PWM Control Register
.......................................... 51
8.13
TMRPERA (address: 8065h): Timer A Period Register
.............................................................. 51
8.14
TMRPERB (address: 8066h): Timer B Period Register
.............................................................. 52
8.15
TMRPWA (address: 8067h): Timer A Pulse Width Register
......................................................... 52
8.16
TMRPWB (address: 8068h): Timer B Pulse Width Register
......................................................... 52
8.17
TMRPGMA (address: 8069h): Timer A Program Register
........................................................... 52
8.18
TMRPGMB (address: 806Ah): Timer B Program Register
........................................................... 52
9
I/O Pin Controller
................................................................................................................ 53
9.1
RA_OUT (address 8070h): RA Output Register
....................................................................... 54
9.2
RB_OUT (address 8071h): RB Output Register
....................................................................... 55
9.3
RC_OUT (address 8072h): RC Output Register
....................................................................... 56
9.4
RA_IN (address 8073h): RA Input Status Register
.................................................................... 57
9.5
RB_IN (address 8074h): RB Input Status Register
.................................................................... 58
9.6
RC_IN (address 8075h): RC Input Status Register
.................................................................... 59
9.7
RA_IEN (address 8076h): RA Input Enable Register
................................................................. 60
9.8
RB_IEN (address 8077h): RB Input Enable Register
................................................................. 61
9.9
RC_IEN (address 8078h): RC Input Enable Register
................................................................. 62
9.10
IOCTL (address 8079h): Input/Output Control Register
............................................................... 63
9.11
IOCTL2 (address 807Ah): Input/Output Control Register
............................................................. 64
9.12
RC_PUP (address 807Ch): RC Control Register
...................................................................... 64
9.13
RC_WKPU (address 807Dh): RC GPIO Weak Pull-Up Enable Register
........................................... 65
9.14
RB GPIO and Programmable Current Sink Operation
................................................................ 65
9.15
CS_HIGH (address 807Eh): Current Sink Control Register
.......................................................... 66
Contents
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com