Electronic Components Datasheet Search
  English  ▼

X  

SN8045 Datasheet(PDF) 16 Page - Texas Instruments

Part # SN8045
Description  Cool-GG Programmable Battery Management IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN8045 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN8045 Datasheet HTML 12Page - Texas Instruments SN8045 Datasheet HTML 13Page - Texas Instruments SN8045 Datasheet HTML 14Page - Texas Instruments SN8045 Datasheet HTML 15Page - Texas Instruments SN8045 Datasheet HTML 16Page - Texas Instruments SN8045 Datasheet HTML 17Page - Texas Instruments SN8045 Datasheet HTML 18Page - Texas Instruments SN8045 Datasheet HTML 19Page - Texas Instruments SN8045 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
www.ti.com
2.4
Data Flash Characteristics Over Recommended Operating Temperature and Supply
2.5
SMBus Timing Characteristics
SN8040
SN8045
Cool-GG Programmable Battery Management IC
SLUS753B – JANUARY 2007 – REVISED FEBRUARY 2008
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, VREG25 = 2.41 V to 2.59 V,
VBAT = 14V, CREG25 = 1µF, CREG33 = 2.2µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH FREQUENCY OSCILLATOR
f(OSC)
Operating frequency
4.194
MHz
–3%
0.25%
3%
f(EIO)
Frequency error (16)(17)
TA = 20°C to 70°C
–2%
0.25%
2%
t(SXO)
Start-up time(18)
2.5
5
ms
LOW FREQUENCY OSCILLATOR
f(LOSC)
Operating frequency
32.768
kHz
–2.5%
0.25%
2.5%
f(LEIO)
Frequency error(17)(19)
TA = 20°C to 70°C
–1.5%
0.25%
1.5%
t(LSXO)
Start-up time(18)
500
µs
(16) The frequency error is measured from 4.194 MHz.
(17) The frequency drift is included and measured from the trimmed frequency at VREG25 = 2.5V, TA = 25°C
(18) The startup time is defined as the time it takes for the oscillator output frequency to be
±3%
(19) The frequency error is measured from 32.768 kHz.
Voltage
Typical Values at TA = 25°C and VREG25= 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
10
Years
Flash programming write-cycles
20k
Cycles
t(ROWPROG)
Row programming time
See (1)
2
ms
t(MASSERASE) Mass-erase time
200
ms
t(PAGEERASE) Page-erase time
20
ms
I(DDPROG)
Flash-write supply current
5
10
mA
I(DDERASE)
Flash-erase supply current
5
10
mA
RAM BACKUP
V(RBI) > V(RBI)MIN , VREG25 < VIT–, TA =
1000
2500
85
°C
I(RB)
RB data-retention input current
nA
V(RBI) > V(RBI)MIN , VREG25 < VIT–, TA =
90
220
25
°C
V(RB)
RB data-retention input voltage(1)
1.7
V
(1)
Assured by design. Not production tested.
over operating free-air temperature range, Typical Values at TA = 25°C and VREG25 = 2.5 V (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSMB
SMBus operating frequency
Slave mode, SMBC 50% duty cycle
10
100
kHz
fMAS
SMBus master clock frequency
Master mode, No clock low slave
51.2
kHz
extend
t(BUF)
Bus free time between start and stop (see
4.7
µs
Figure 2-1)
t(HD:STA)
Hold time after (repeated) start (see Figure 2-1)
4.0
µs
t(SU:STA)
Repeated start setup time (see Figure 2-1)
4.7
µs
t(SU:STO)
Stop setup time (see Figure 2-1)
4.0
µs
Specifications
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com