Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5753 Datasheet HTML 29Page - Analog Devices AD5753 Datasheet HTML 30Page - Analog Devices AD5753 Datasheet HTML 31Page - Analog Devices AD5753 Datasheet HTML 32Page - Analog Devices AD5753 Datasheet HTML 33Page - Analog Devices AD5753 Datasheet HTML 34Page - Analog Devices AD5753 Datasheet HTML 35Page - Analog Devices AD5753 Datasheet HTML 36Page - Analog Devices AD5753 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 33 of 75
Calculating Supply Voltage
Assuming DPC current mode, use the following equations to
calculate the voltage and current values:
VDPC+ Maximum = IOUT Maximum Voltage +
IOUT Headroom = 22.5 V
where:
IOUT Maximum = 20 mA (RLOAD = 1 kΩ).
IOUT Maximum Voltage is IOUT Maximum × RLOAD = 20 V.
IOUT Headroom = 2.5 V.
|VDPC+ to AVDD1| headroom can be calculated as 5% of 22.5 V =
1.125 V. Therefore, AVDD1 minimum = 22.5 V + 1.125 V =
23.625 V. Assuming a worst case AVDD1 supply rail tolerance
of ±10%, this example requires an AVDD1 supply rail of
approximately 26.25 V.
AVSS Considerations
AVSS is the negative supply rail and has a range of −33 V to
0 V. As in the case of AVDD1, AVSS must obey the maximum
operating range of |AVDD1 to AVSS| of 60 V. For bipolar current
output ranges, the maximum AVSS can be calculated as (IOUT_MAX ×
RLOAD) + IOUT footroom. For unipolar current output ranges,
AVSS can be tied to AGND (that is, 0 V). For unipolar voltage
output ranges, the maximum AVSS is −2 V to enable sufficient
footroom for the internal voltage output circuitry. To avoid
power supply sequencing issues, a Schottky diode must be
placed between AVSS and GND (the GND supply must always
be available).
AVDD2 Considerations
AVDD2 is the positive low voltage supply rail and has a range of
5 V to 33 V. If only one positive power rail is available, AVDD2
can be tied to AVDD1. However, to optimize for reduced power
dissipation, supply AVDD2 with a separate lower voltage supply.
VLOGIC Considerations
VLOGIC is the digital supply for the device and can range from
1.71 V to 5.5 V. The 3.3 V VLDO output voltage can be used to
drive VLOGIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com