Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 53 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD5753 Datasheet HTML 49Page - Analog Devices AD5753 Datasheet HTML 50Page - Analog Devices AD5753 Datasheet HTML 51Page - Analog Devices AD5753 Datasheet HTML 52Page - Analog Devices AD5753 Datasheet HTML 53Page - Analog Devices AD5753 Datasheet HTML 54Page - Analog Devices AD5753 Datasheet HTML 55Page - Analog Devices AD5753 Datasheet HTML 56Page - Analog Devices AD5753 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 53 of 75
Shared/SYNC Autostatus Readback Mode
The shared SYNC autostatus readback is a special version of the
autostatus readback mode used to avoid SDO bus contention
when multiple ADFS5758 devices are sharing the same SYNC
line (whereby ADFS5758 devices are distinguished from each
other using the hardware address pins). After each valid write
to a device, a flag is set. On the subsequent falling edge of
SYNC, the flag is cleared. This mode behaves in a similar
manner to the normal autostatus readback mode, except that
the device does not output the status register contents on SDO
as SYNC goes low, unless the internal flag is set (that is, the
previous SPI write was valid). See the example shown in Figure 91.
Echo Mode
Echo mode behaves in a similar manner to the autostatus
readback mode, except that every second readback consists of
an echo of the previous command written to the ADFS5758.
This echo mode is useful to check which SPI instruction was
received in the previous SPI frame.
SYNC
ASSUME SHARED SYNC
AUTOSTATUS READBACK
IS ALREADY ENABLED
FOR BOTH DUTS
SDI
SDO
SCLK
24/
32
1
24/
32
1
VALID WR TO DEVICE 0
24/
32
1
24/
32
1
DEVICE 0
FLAG SET
VALID WR TO DEVICE 1
DEVICE 1
FLAG SET
INVALID WR TO DEVICE 0
VALID WR TO DEVICE 0
DEVICE 0 STATUS REG
DEVICE 1 STATUS REG
NO FLAG SET
DEVICE 0
FLAG SET
24/
32
1
DEVICE 0 STATUS REG
VALID WR TO DEVICE 1
DEVICE 1
FLAG SET
Figure 91. Shared/SYNC Autostatus Readback Example
PREVIOUS COMMAND
STATUS REGISTER CONTENTS
PREVIOUS COMMAND
Figure 92. SDO Contents—Echo Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com