Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 62 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD5753 Datasheet HTML 58Page - Analog Devices AD5753 Datasheet HTML 59Page - Analog Devices AD5753 Datasheet HTML 60Page - Analog Devices AD5753 Datasheet HTML 61Page - Analog Devices AD5753 Datasheet HTML 62Page - Analog Devices AD5753 Datasheet HTML 63Page - Analog Devices AD5753 Datasheet HTML 64Page - Analog Devices AD5753 Datasheet HTML 65Page - Analog Devices AD5753 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 62 of 75
Bits
Bit Name
Description
Reset
Access
11: enable voltage comparators. Note that the INT_EN bit in the DAC_ CONFIG
register must be set for the REFIN buffer to be powered up and this node
available to the REFIN comparator.
12
VLDO_CAP_DETECT_EN
Initiates a diagnostic test to detect a missing external capacitor on the VLDO pin.
Note that this bit returns to 0 once the test is complete and thus, polling this bit
can be used to determine when the test is complete.
0x0
R/W
0: disable (default).
1: enable.
11
RESERVED
Reserved.
0x0
R/W
10
GLOBAL_SW_LDAC
When enabled, the ADFS5758 address bits are ignored when performing a
software LDAC command, enabling multiple devices to be simultaneously
updated using one SW_LDAC command.
0x0
R/W
0: disable (default).
1: enable.
9
FAULT_TIMEOUT
Enable reduced fault detect timeout. This bit configures the delay from when the
analog block indicates a VIOUT fault has been detected to the associated change
of the relevant bit in the ANALOG_DIAG_RESULTS register. This feature provides
flexibility to accommodate a variety of output load values.
0x1
R/W
0: fault detect timeout = 25 ms.
1: fault detect timeout = 6.5 ms (default).
[8:5]
FAULT_INJ_3WI
3WI Fault Injection Enable. All unlisted codes are reserved and must not be selected.
0x0
R/W
0000: no 3WI fault injection (default).
0100: enable fault injection on 3-wire interface by forcing DCLK low.
4
DAC_LATCH_MON_
FAULT_INJ
If this bit is enabled, the signal output from the DAC is changed, which triggers
the DAC_LATCH_MON_ERR bit in the DIGITAL_DIAG_RESULTS register.
0x0
R/W
0: disable (default).
1: enable.
3
DUAL_CAL_FAULT_INJ
If this bit is enabled, a bit is input to the internal DAC controller circuitry, which
causes an error in the internal DAC calibration calculation. This causes the two
calculations in the subsequent dual calibration test to disagree and flag the error
via the DUAL_CAL_ERR bit in the DIGITAL_DIAG_RESULTS register.
0x0
R/W
0: disable (default).
1: enable.
2
INVERSE_DAC_CHECK_
FAULT_INJ
If this bit is enabled, a bit is input to the internal DAC controller circuitry, which
causes an error in the DAC inverse calculation. This causes the INVERSE_DAC_
CHECK_ERR flag to set in the DIGITAL_DIAG_RESULTS register when completing
the subsequent calculation.
0x0
R/W
0: disable (default).
1: enable.
1
BKGND_CRC_FAULT_INJ
If this bit is enabled, a fault is injected into one of the bits that is used to build
the CRC which is checked against the ideal CRC. This is flagged by the BKGND_
CRC_ERR bit in the DIGITAL_DIAG_RESULTS register upon completion of the
subsequent background CRC check.
0x0
R/W
0: disable (default).
1: enable.
0
SPI_READ_FAULT_INJ
If this bit is enabled, the MSB of the SPI readback frame flips to ensure mismatch
between the read data and the read CRC bits for the subsequent SPI readback
operation. This is flagged by the SPI_CRC_ERR in the DIGITAL_DIAG_RESULTS
register.
0x0
R/W
0: disable (default).
1: enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com