Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 38 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD5753 Datasheet HTML 34Page - Analog Devices AD5753 Datasheet HTML 35Page - Analog Devices AD5753 Datasheet HTML 36Page - Analog Devices AD5753 Datasheet HTML 37Page - Analog Devices AD5753 Datasheet HTML 38Page - Analog Devices AD5753 Datasheet HTML 39Page - Analog Devices AD5753 Datasheet HTML 40Page - Analog Devices AD5753 Datasheet HTML 41Page - Analog Devices AD5753 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 38 of 75
SPI INTERFACE AND DIAGNOSTICS
The ADFS5758 is controlled over a 4-wire serial interface with
an 8-bit cyclic redundancy check (CRC-8) enabled by default.
The input shift register is 32 bits wide and data is loaded into
the device MSB first under the control of a serial clock input,
SCLK. Data is clocked in on the falling edge of SCLK. If CRC is
disabled, the serial interface is reduced to 24 bits. A 32-bit
frame is still accepted but the last eight bits are ignored.
Table 12. Writing to a Register (CRC Enabled)
MSB
LSB
D31
D30:D29
D28:D24
D23:D8
D7:D0
Slip bit
ADFS5758
address
Register address
Data
CRC
As shown in Table 12, every SPI frame contains two ADFS5758
address bits. These bits must match the hardware ADFS5758
address pins (AD0 and AD1) for a particular device to accept
the SPI frame on the bus.
SPI Cyclic Redundancy Check
To verify that data has been received correctly in noisy environ-
ments, the ADFS5758 offers the option of a CRC based on an
8-bit cyclic redundancy check (CRC-8). The device controlling
the ADFS5758 generates an 8-bit frame check sequence using
the following polynomial:
C(x) = x8 + x2 + x1 + 1
This sequence is added to the end of the data-word, and 32 bits
are sent to the ADFS5758 before taking SYNC high.
If the SPI_CRC_EN bit is set high (default state), the user must
supply a frame of exactly 32 bits wide that contains the 24 data bits
and 8-bit CRC. If the CRC check is valid, the data is written to
the selected register. If the CRC check fails, the FAULT pin goes
low and the FAULT pin status and the digital diagnostic status bit
(DIG_DIAG_STATUS) in the status register are set. A subsequent
readback of the DIGITAL_DIAG_RESULTS register reveals that
the SPI_CRC_ERR bit is also set. This register is a per bit, write
to clear register (see the Sticky Diagnostic Results Bits section).
Therefore, the SPI_CRC_ERR bit can be cleared by writing a 1
to Bit D0 of the DIGITAL_DIAG_RESULTS register. Doing so
clears the SPI_CRC_ERROR bit and causes the FAULT pin to
return high (assuming that there are no other active faults).
When configuring the FAULT_PIN_CONFIG register, the user
can decide whether the SPI CRC error affects the FAULT pin.
See the FAULT Pin Configuration Register section for further
details. The SPI CRC feature can be used for both the
transmission and receipt of data packets.
SDI
SYNC
SCLK
UPDATE ON SYNC HIGH
MSB
D23
LSB
D0
24-BIT DATA
24-BIT DATA TRANSFER—NO CRC ERROR CHECKING
SDI
FAULT
SYNC
SCLK
UPDATE ON SYNC HIGH
ONLY IF CRC CHECK PASSED
FAULT PIN GOES LOW
IF CRC CHECK FAILS
MSB
D31
LSB
D8
D7
D0
24-BIT DATA
8-BIT CRC
32-BIT DATA TRANSFER WITH CRC ERROR CHECKING
Figure 80. CRC Timing (Assume LDAC = 0)
SPI Interface Slip Bit
A further enhancement to the robustness of the interface is the
addition of the slip bit. The MSB of the SPI frame must equal
the inverse of MSB − 1 for the frame to be considered valid. If
an incorrect slip bit is detected, the data is ignored and the
SLIPBIT_ERR bit in the DIGITAL_DIAG_RESULTS register is
asserted.
SPI Interface SCLK Count Feature
An SCLK count feature is also built into the SPI diagnostics,
meaning that only SPI frames with exactly 32 SCLK falling
edges (24 or 32 if SPI CRC is enabled) are accepted by the
interface as a valid write. SPI frames of lengths other than
these are ignored and the SCLK_COUNT_ERR flag asserts
in the DIGITAL_DIAG_RESULTS register.
Readback Modes
The ADFS5758 offers four readback modes, as follows:
•
Two-stage readback mode
•
Autostatus readback mode
•
Shared SYNC autostatus readback mode
•
Echo mode
The two stage readback consists of a write to a dedicated
register, TWO_STAGE_READBACK_SELECT, to select the
register location to be read back. This write is followed by a
no operation (NOP) command, during which the contents of
the selected register are available on SDO.
Table 13. SDO Contents for Read Operation
MSB
LSB
[D31:D30] D29
[D28:24]
[D23:D8] [D7:D0]
0b10
FAULT pin
status
Register
address
Data
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com