Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 56 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD5753 Datasheet HTML 52Page - Analog Devices AD5753 Datasheet HTML 53Page - Analog Devices AD5753 Datasheet HTML 54Page - Analog Devices AD5753 Datasheet HTML 55Page - Analog Devices AD5753 Datasheet HTML 56Page - Analog Devices AD5753 Datasheet HTML 57Page - Analog Devices AD5753 Datasheet HTML 58Page - Analog Devices AD5753 Datasheet HTML 59Page - Analog Devices AD5753 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 56 of 75
REGISTER DETAILS
Table 27. Register Summary
Address
Name
Description
Reset
Access
0x00
NOP
NOP register.
0x000000
R
0x01
DAC_INPUT
DAC input register.
0x010000
R/W
0x02
DAC_OUTPUT
DAC output register.
0x020000
R
0x03
CLEAR_CODE
Clear code register.
0x030000
R/W
0x04
USER_GAIN
User gain register.
0x04FFFF
R/W
0x05
USER_OFFSET
User offset register.
0x058000
R/W
0x06
DAC_CONFIG
DAC configuration register.
0x060C00
R/W
0x07
SW_LDAC
Software LDAC register.
0x070000
R0/W
0x08
Key
Key register.
0x080000
R0/W
0x09
GP_CONFIG1
General-Purpose Configuration 1 register.
0x090204
R/W
0x0A
GP_CONFIG2
General-Purpose Configuration 2 register.
0x0A0200
R/W
0x0B
DCDC_CONFIG1
DC-to-DC Configuration 1 register.
0x0B0000
R/W
0x0C
DCDC_CONFIG2
DC-to-DC Configuration 2 register.
0x0C100
R/W
0x0D
Reserved
Reserved.
0x0D0000
N/A1
0x0E
Reserved
Reserved.
0x0E0000
N/A1
0x0F
WDT_CONFIG
WDT configuration register.
0x0F0009
R/W
0x10
DIGITAL_DIAG_CONFIG
Digital diagnostic configuration register.
0x10005D
R/W
0x11
ADC_CONFIG
ADC configuration register.
0x110000
R/W
0x12
FAULT_PIN_CONFIG
FAULT pin configuration register.
0x120000
R/W
0x13
TWO_STAGE_READBACK_SELECT
Two stage readback select register.
0x130000
R/W
0x14
DIGITAL_DIAG_RESULTS
Digital diagnostic results register.
0x14A000
R
0x15
ANALOG_DIAG_RESULTS
Analog diagnostic results register.
0x150000
R
0x16
Status
Status register.
0x160000
R
0x17
CHIP_ID
Chip ID register.
0x170101
R
0x18
FREQ_MONITOR
Frequency monitor register.
0x180000
R
0x19
DEVICE_ID_0
Device ID Byte 0 and Byte 1 register.
0x190000
R
0x1A
DEVICE_ID_1
Device ID Byte 2 and Byte 3 register.
0x1A0000
R
0x1B
DEVICE_ID_2
Device ID Byte 4 and Byte 5 register.
0x1B0000
R
0x1C
DEVICE_ID_3
Device ID Byte 6 register, currently unused.
0x1C0000
R
1 Any read or write to this register flags the INVALID_SPI_ACCESS_ERR bit in the digital diagnostics register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com