Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 70 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD5753 Datasheet HTML 66Page - Analog Devices AD5753 Datasheet HTML 67Page - Analog Devices AD5753 Datasheet HTML 68Page - Analog Devices AD5753 Datasheet HTML 69Page - Analog Devices AD5753 Datasheet HTML 70Page - Analog Devices AD5753 Datasheet HTML 71Page - Analog Devices AD5753 Datasheet HTML 72Page - Analog Devices AD5753 Datasheet HTML 73Page - Analog Devices AD5753 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 70 of 75
Bits
Bit Name
Description
Reset
Access
1
SLIPBIT_ERR
This bit flags an SPI frame slip bit error, that is, the MSB of the SPI word is not
equal to the inverse of MSB − 1.
0x0
R/W-1-C
0
SPI_CRC_ERR
This bit flags an SPI CRC error.
0x0
R/W-1-C
Analog Diagnostic Results Register
Address: 0x15, Reset: 0x150000, Name: ANALOG_DIAG_RESULTS
This register contains an error flag corresponding to the four voltage nodes (VLDO, INT_AVCC, REFIN, and REFOUT) monitored in
the background by comparators, as well as a flag for each die temperature, which is also monitored by comparators. Voltage output short
circuit, current output open circuit, VIOUT overvoltage, and dc-to-dc error flags are also contained in this register. Like the DIGITAL_
DIAG_RESULTS register, all of the flags contained in this register require a 1 to be written to them to update or clear them. When the
corresponding diagnostic features are not enabled, the respective error flags are read as zero.
Table 47. Bit Descriptions for ANALOG_DIAG_RESULTS
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:14]
Reserved
Reserved.
0x0
R0
13
VIOUT_OV_ERR
This bit flags if the voltage at the VIOUT pin goes outside of the VDPC+ rail or AVSS rail.
0x0
R/W-1-C
12
Reserved
Reserved.
0x0
R/W-1-C
11
DCDC_P_SC_ERR
This bit flags a dc-to-dc short-circuit error for the positive rail dc-to-dc circuit.
0x0
R/W-1-C
10
Reserved
Reserved.
0x0
R/W-1-C
9
DCDC_P_PWR_ERR
This bit flags a dc-to-dc regulation fault, that is, the dc-to-dc circuitry cannot reach
the target VDPC+ voltage due to an insufficient AVDD1 voltage.
0x0
R/W-1-C
8
VLDO_CAP_ERR
This bit flags an error if no capacitor present on VLDO pin following the capacitor
detect test.
0x0
R/W-1-C
7
IOUT_OC_ERR
This bit flags a current output open circuit error. This error bit is set in the case of a
current output open circuit and in the case where there is insufficient headroom
available to the internal current output driver circuitry to provide the programmed
output current.
0x0
R/W-1-C
6
VOUT_SC_ERR
This bit flags a voltage output short-circuit error.
0x0
R/W-1-C
5
DCDC_DIE_TEMP_ERR
This bit flags an overtemperature error for the dc-to-dc die.
0x0
R/W-1-C
4
MAIN_DIE_TEMP_ERR
This bit flags an overtemperature error for the main die.
0x0
R/W-1-C
3
REFOUT_ERR
This bit flags that the REFOUT node is outside of the comparator threshold levels
or if its short-circuit current limit occurs.
0x0
R/W-1-C
2
REFIN_ERR
This bit flags that the REFIN node is outside of the comparator threshold levels.
0x0
R/W-1-C
1
INT_AVCC_ERR
This bit flags that the INT_AVCC node is outside of the comparator threshold levels.
0x0
R/W-1-C
0
VLDO_ERR
This bit flags that the VLDO node is outside of the comparator threshold levels or if
its short-circuit current limit occurs.
0x0
R/W-1-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com