Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 73 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD5753 Datasheet HTML 67Page - Analog Devices AD5753 Datasheet HTML 68Page - Analog Devices AD5753 Datasheet HTML 69Page - Analog Devices AD5753 Datasheet HTML 70Page - Analog Devices AD5753 Datasheet HTML 71Page - Analog Devices AD5753 Datasheet HTML 72Page - Analog Devices AD5753 Datasheet HTML 73Page - Analog Devices AD5753 Datasheet HTML 74Page - Analog Devices AD5753 Datasheet HTML 75Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 73 of 75
APPLICATIONS INFORMATION
Using the example module shown in Figure 94, the module
power dissipation (excluding the power dissipated in the load)
can be calculated using the methodology shown in the Power
Calculation Methodology (RLOAD = 1 kΩ) section. Assuming a
maximum IOUT value of 20 mA and RLOAD value of 1 kΩ, the
total module power is calculated as approximately 226 mW.
Note that power associated with the external digital isolation is
not included in the calculations because this power is dependent
on the choice of component used.
Replacing the 1 kΩ load with a short circuit, the power dissipation
calculation is shown in the Power Calculation Methodology
(RLOAD = 0 Ω) section, which shows that the total module power
becomes approximately 206 mW in a short-circuit load condition.
Power Calculation Methodology (RLOAD = 1 kΩ)
Table 55. Quiescent Current Power Calculation
Voltage (V)
Current (mA)
Power (mW)
AVDD1 = 24
AIDD1 = 0.05
1.2
AVDD2 = 5
AIDD2 = 2.9
14.5
AVSS = −15
AISS = 0.23
3.45
VLOGIC = 3.3
ILOGIC = 0.01
0.033
Using the voltage and current values in Table 55, the total
quiescent current power is 19.18 mW.
Next, perform the following calculation:
(VDPC+) × (20 mA + IDPC+) = 22.5 V × 20.5 mA = 461.25 mW
Assume the dc-to-dc converter is at 90% efficiency. Therefore,
VDPC+ power = 512.5 mW. The total input power at the
ADFS5758 side of the ADP1031 PMU is therefore 512.5 mW +
19.18 mW = 531.68 mW. Subtracting the 400 mW load power
from this value gives the power associated only with the
ADFS5758, which is 131.68 mW.
Assuming an 85% efficiency ADP1031, the total input power
becomes 625.5 mW.
Total Module Power = Input Power − Load Power
Therefore,
625.5 mW − 400 mW = 225.5 mW
Power Calculation Methodology (RLOAD = 0 Ω)
Using the voltage and current values in Table 55, the total
quiescent current power is 19.18 mW.
Next,
(VDPC+) × (20 mA + IDPC+) = 4.95 V × 20.5 mA = 101.5 mW
Assume the dc-to-dc converter at 65% efficiency. Therefore,
VDPC+ power = 156.2 mW. The total input power at the
ADFS5758 side of the ADP1031 is therefore 156.2 mW + 19.18
mW = 175.38 mW. Subtracting the 0 mW load power from this
value gives the power associated only with the ADFS5758,
which is 175.38 mW.
Assuming an 85% efficiency ADP1031, the total input power
becomes 206.33 mW.
Total Module Power = Input Power − Load Power
Therefore,
206.33 mW − 0 mW = 206.33 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com