Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 59 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD5753 Datasheet HTML 55Page - Analog Devices AD5753 Datasheet HTML 56Page - Analog Devices AD5753 Datasheet HTML 57Page - Analog Devices AD5753 Datasheet HTML 58Page - Analog Devices AD5753 Datasheet HTML 59Page - Analog Devices AD5753 Datasheet HTML 60Page - Analog Devices AD5753 Datasheet HTML 61Page - Analog Devices AD5753 Datasheet HTML 62Page - Analog Devices AD5753 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 59 of 75
Bits
Bit Name
Description
Reset
Access
1000: 4 kHz.
1001: 2 kHz.
1010: 1 kHz.
1011: 512 Hz.
1100: 256 Hz.
1101: 128Hz.
1110: 64 Hz.
1111: 16 Hz.
8
SR_EN
Enable slew rate control.
0x0
R/W
0: disable (default).
1: enable.
7
RSET_EXT_EN
Enable external current setting resistor.
0x0
R/W
0: select internal RSET resistor (default).
1: select external RSET resistor.
6
OUT_EN
Enable VIOUT.
0x0
R/W
0: disable VIOUT output (default).
1: enable VIOUT output.
5
INT_EN
Enable internal buffers.
0x0
R/W
0: disable (default).
1: enable. Setting this bit powers up the DAC and internal amplifiers. Setting this bit
does not enable the output. It is recommended to set this bit and allow a >200 μs
delay before enabling the output. This delay results in a reduced output enable glitch.
4
OVRNG_EN
Enable 20% voltage overrange.
0x0
R/W
0: disable (default).
1: enable.
[3:0]
Range
Select output range. Note that changing the contents of the range bits initiates an
internal calibration memory refresh and, therefore, a subsequent SPI write must not be
performed until the CAL_MEM_UNREFRESHED bit in the DIGITAL_DIAG_RESULTS register
returns to 0. Writes to invalid range codes are ignored.
0x0
R/W
0000: 0 V to 5 V voltage range (default).
0001: 0 V to 10 V voltage range.
0010: ±5 V voltage range.
0011: ±10 V voltage range.
1000: 0 mA to 20 mA current range.
1001: 0 mA to 24 mA current range.
1010: 4 mA to 20 mA current range.
1011: ±20 mA current range.
1100: ±24 mA current range.
1101: −1 mA to +22 mA current range.
Software LDAC Register
Address: 0x07, Reset: 0x070000, Name: SW_LDAC
Writing 0x1DAC to this register performs a software LDAC update on the device matching the address bits within the SPI frame. If the
GLOBAL_SW_LDAC bit in the GP_CONFIG2 register is set, the address bits are ignored and all devices sharing the same SPI bus are
updated via the SW_LDAC command. Bits[15:0] of this register always read back as 0x0000.
Table 35. Bit Descriptions for SW_LDAC
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:0]
LDAC_COMMAND
Software LDAC. Write 0x1DAC to this register to perform a software LDAC instruction.
0x0
R0/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com