Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 45 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD5753 Datasheet HTML 41Page - Analog Devices AD5753 Datasheet HTML 42Page - Analog Devices AD5753 Datasheet HTML 43Page - Analog Devices AD5753 Datasheet HTML 44Page - Analog Devices AD5753 Datasheet HTML 45Page - Analog Devices AD5753 Datasheet HTML 46Page - Analog Devices AD5753 Datasheet HTML 47Page - Analog Devices AD5753 Datasheet HTML 48Page - Analog Devices AD5753 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 45 of 75
Table 19. ADC Input Node Summary
ADC_IP_SELECT
VIN Node Description
ADC Transfer Function1
00000
Main die temperature
T (°C) = (−0.09369 × D) + 307
00001
DC-to-dc die temperature
T (°C) = (−0.11944 × D) + 436
00010
Reserved
Reserved
00011
REFIN
REFIN (V) = (D/212) × 2.75
00100
Internal 1.23 V reference voltage (REF2).
REF2 (V) = (D/212) × 2.5
00101
Reserved
Reserved
00110
Reserved
Reserved
01100
ADC2 pin input
ADC2 (V) = (30 × D)/212 − 15
01101
Voltage on +VSENSE buffer output
+VSENSE (V) = ((50 × D)/212) − 25
01110
Voltage on −VSENSE buffer output
−VSENSE (V) = ((50 × D)/212) − 25
01111
ADC1 pin input (0 V to 1.25 V input range)
ADC1 (V) = D/212 × 1.25
10000
ADC1 pin input (0 V to 0.5 V input range)
ADC1 (V) = D/212 × 2.5 × 1/5 = D/212 × 0.5
10001
ADC1 pin input (0 V to 2.5 V input range)
ADC1 (V) = D/212 × 2.5
10010
ADC1 pin input (± 0.5 V input range)
ADC1 (V) = D/212 − 0.5
10011
Reserved
Reserved
10100
INT_AVCC
INT_AVCC (V) = D/212 × 10
10101
VLDO
VLDO (V) = D/212 × 10
10110
VLOGIC
VLOGIC (V) = D/212 × 10
11000
REFGND
REFGND (V) = D/212 × 2.5
11001
AGND
AGND (V) = D/212 × 2.5
11010
DGND
DGND (V) = D/212 × 2.5
11011
VDPC+
VDPC (V) = D/212 × 37.5
11100
AVDD2
AVDD2 (V) = D/212 × 37.5
11101
AVSS
AVSS (V) = (15 × D/212 − 14) × 2.5
11110
DC-to-dc die node, configured in the DCDC_CONFIG2 register
00: AGND on dc-to-dc die
AGND (dc-to-dc) (V) = (D/212) × 2.5
01: internal 2.5 V supply on dc-to-dc die
Internal 2.5 V (dc-to-dc) (V) = (D/212) × 5
10: AVDD1
AVDD1 (V) = D/212 × 37.5
11: reserved
Reserved
11111
REFOUT
REFOUT (V) = (D/212) × 2.5
1
D refers to ADC data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com