Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 41 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5753 Datasheet HTML 37Page - Analog Devices AD5753 Datasheet HTML 38Page - Analog Devices AD5753 Datasheet HTML 39Page - Analog Devices AD5753 Datasheet HTML 40Page - Analog Devices AD5753 Datasheet HTML 41Page - Analog Devices AD5753 Datasheet HTML 42Page - Analog Devices AD5753 Datasheet HTML 43Page - Analog Devices AD5753 Datasheet HTML 44Page - Analog Devices AD5753 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 41 of 75
VIOUT
INTERFACE LOGIC
OUTPUT
AMPLIFIER
SDO
SDI
16-BIT
DAC
REFIN
SYNC
LDAC
(HARDWARE OR SOFTWARE)
DAC INPUT
REGISTER
USER
GAIN AND OFFSET
CALIBRATION
SCLK
DAC OUTPUT
REGISTER
(READ ONLY)
CLEAR CODE
REGISTER
CLEAR EVENT
(WDT TIMEOUT)
Figure 83. Simplified Serial Interface of Input Loading Circuitry
DAC Data Integrity Diagnostics
To protect against transient changes to the internal digital
circuitry, the digital block stores both the digital DAC value
and an inverted copy of the digital DAC value. A check is
completed to ensure that the two values correspond to each
other before the DAC is strobed to update to the DAC code.
This feature is enabled by default (INVERSE_DAC_CHECK_
EN bit in the DIGITAL_DIAG_CONFIG register).
Another optional diagnostic feature is the internal dual calibration
feature. This feature is enabled by setting the DUAL_CAL_EN
bit in the DIGITAL_DIAG_CONFIG register. When enabled,
the internal calibration on the 16-bit user DAC code is completed
twice. The DAC is only updated when both results match. If a
fail is registered, no DAC write occurs and the DUAL_CAL_
ERR flag is set.
Outside of the digital block, the DAC code is stored in latches
(as shown in Figure 84). These latches are potentially
vulnerable to the same transient events as those protected
against within the digital block. To protect the DAC latches
against such transients, the DAC latch monitor feature can be
enabled via the DAC_LATCH_MON_EN bit within the
DIGITAL_DIAG_CONFIG register. This feature monitors the
actual digital code driving the DAC and compares it with the
digital code generated within the digital block. Any difference
between the two codes causes the DAC_LATCH_MON_ERR flag
to be set in the DIGITAL_DIAG_RESULTS register.
16-BIT
DAC
DIGITAL
BLOCK
D
Q
Q
D
Q
Q
DAC LATCHES
Figure 84. DAC Data Integrity
LOCKABLE USER CONFIGURATION SPACE
The ADFS5758 user configuration resisters listed in Table 16
have the feature of being lockable as read only. This means that
if locked, any writes to these registers are ignored and flagged in
the DIGITAL_DIAG_RESULTS register via the CFG_LOCK_
CHECK_ERR bit (if enabled) and via the FAULT pin.
Note that the VLDO external capacitor detection feature must
not be enabled prior to locking the configuration register space
because this is a self clearing bit and causes the CFG_LOCK_
CHECK_ERR bit to flag if the corresponding value changes
subsequent to locking the configuration register space.
The user must write Data 0x4765 to the key register to lock the
registers. To unlock the registers, two unlock keys must be
written to the key register. The first key is Data 0x896D, and the
second key is Data 0x57AB. The unlock keys must be written to
the key register in that order.
The CFG_LOCK_CHECK_EN bit in the DIGITAL_DIAG_
CONFIG register must be set to enable flagging of an attempt
to write to a locked register via the CFG_LOCK_CHECK_ERR bit
in the DIGITAL_DIAG_RESULTS register. If the CFG_LOCK_
CHECK_EN bit is not set, the user has no indication that a
write was attempted to the locked registers.
Table 16. Lockable Registers
Address
Register
0x03
CLEAR_CODE
0x04
USER_GAIN
0x05
USER_OFFSET
0x06
DAC_CONFIG
0x09
GP_CONFIG1
0x0A
GP_CONFIG2
0x0B
DCDC_CONFIG1
0x0C
DCDC_CONFIG2
0x0F
WDT_CONFIG
0x10
DIGITAL_DIAG_CONFIG
0x11
ADC_CONFIG
0x12
FAULT_PIN_CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com