Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5753 Datasheet HTML 16Page - Analog Devices AD5753 Datasheet HTML 17Page - Analog Devices AD5753 Datasheet HTML 18Page - Analog Devices AD5753 Datasheet HTML 19Page - Analog Devices AD5753 Datasheet HTML 20Page - Analog Devices AD5753 Datasheet HTML 21Page - Analog Devices AD5753 Datasheet HTML 22Page - Analog Devices AD5753 Datasheet HTML 23Page - Analog Devices AD5753 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 20 of 75
4.00ms
3
4
CH3 5.00V
CH4 10.0mV
IOUT
AVDD1
Figure 25. Output Current vs. Time on Power-Up
400ns
3
4
CH3 2.00V
CH4 20.0mV
TA = 25°C
SYNC
IOUT
Figure 26. Output Current vs. Time on Output Enable
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
OUTPUT CURRENT (mA)
AVDD1 = +30V
AVSS = –15V
0mA TO 24mA RANGE
1kΩ LOAD
TA = 25°C
Figure 27. DC-to-DC Converter Headroom vs. Output Current
AVDD1 = +15V
AVSS = –15V
4mA TO 20mA RANGE
FULL-SCALE STEP
300Ω LOAD
TA = 25°C
0
2
4
6
8
10
12
–100 –50
0
50
100 150 200 250 300 350 400 450 500
TIME (µs)
IOUT WITH 150mA LIMIT (V)
VDPC+ WITH 150mA LIMIT (V)
VDPC+ WITH 400mA LIMIT (V)
IOUT WITH 400mA LIMIT (V)
Figure 28. Output Current and VDPC+ Settling Time, 300 Ω Load
TIME (µs)
–600
0
5
10
15
20
25
30
600
800
1000 1200 1400
–400
400
–200
200
0
VDPC+
IOUT
AVDD1 = +24V
AVDD = –24V
4mA TO 20mA RANGE
FULL-SCALE STEP
1kΩ LOAD
TA = 25°C
Figure 29. Output Current and VDPC+ Settling Time, 1 kΩ Load
10
9
8
7
6
5
4
3
2
1
0
–100
150 200
TIME (µs)
250 300 350 400 450 500
100
–50
50
0
550
AVDD1 = +15V
AVSS = –15V
4mA TO 20mA RANGE
FULL-SCALE STEP
300Ω LOAD
DCDCILIMIT = 150mA
IOUT AT –40°C
IOUT AT +25°C
IOUT AT +85°C
IOUT AT +125°C
VDPC+ AT –40°C
VDPC+ AT +25°C
VDPC+ AT +85°C
VDPC+ AT +125°C
Figure 30. Output Current and VDPC+ Settling Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com