Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 164 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 164 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 159Page - NXP Semiconductors RT600 Datasheet HTML 160Page - NXP Semiconductors RT600 Datasheet HTML 161Page - NXP Semiconductors RT600 Datasheet HTML 162Page - NXP Semiconductors RT600 Datasheet HTML 163Page - NXP Semiconductors RT600 Datasheet HTML 164Page - NXP Semiconductors RT600 Datasheet HTML 165Page - NXP Semiconductors RT600 Datasheet HTML 166Page - NXP Semiconductors RT600 Datasheet HTML 167Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 164 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
164 of 165
continued >>
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.18.4
Real Time Clock (RTC) timer . . . . . . . . . . . . . 83
10.18.5
Multi-Rate Timer (MRT) . . . . . . . . . . . . . . . . . 83
10.18.5.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
10.18.6
OS/Event Timer . . . . . . . . . . . . . . . . . . . . . . . 83
10.18.6.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
10.18.7
Micro-Tick Timer . . . . . . . . . . . . . . . . . . . . . . . 84
10.18.7.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
10.19
Other digital peripherals . . . . . . . . . . . . . . . . . 84
10.19.1
DMA controller . . . . . . . . . . . . . . . . . . . . . . . . 84
10.19.1.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
10.19.2
DMIC subsystem . . . . . . . . . . . . . . . . . . . . . . 84
10.19.2.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
10.19.3
CRC engine . . . . . . . . . . . . . . . . . . . . . . . . . . 85
10.19.3.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
10.20
Analog peripherals . . . . . . . . . . . . . . . . . . . . . 85
10.20.1
12-bit Analog-to-Digital Converter (ADC) . . . . 85
10.20.1.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
10.20.2
Temperature sensor . . . . . . . . . . . . . . . . . . . . 86
10.20.3
Analog Comparator . . . . . . . . . . . . . . . . . . . . 86
10.21
Security features. . . . . . . . . . . . . . . . . . . . . . . 86
10.21.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
10.21.2
AES256 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
10.21.3
SHA-1 and SHA-2 . . . . . . . . . . . . . . . . . . . . . 87
10.21.3.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
10.21.4
PUF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
10.21.4.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
10.21.5
CASPER co-processor . . . . . . . . . . . . . . . . . . 87
10.21.6
Random Number Generator (RNG) . . . . . . . . 87
10.21.7
On-the-Fly Decryption on Octal/Quad SPI
interface (OTFAD) . . . . . . . . . . . . . . . . . . . . . 87
10.21.8
Universally Unique Identifier (UUID). . . . . . . . 88
10.21.9
Device Identifier Composition Engine (DICE). 88
10.22
Emulation and debugging. . . . . . . . . . . . . . . . 88
11
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 89
12
Thermal characteristics . . . . . . . . . . . . . . . . . 91
13
Static characteristics. . . . . . . . . . . . . . . . . . . . 92
13.1
General operating conditions . . . . . . . . . . . . . 92
13.2
Power Sequencing . . . . . . . . . . . . . . . . . . . . . 96
13.3
CoreMark data . . . . . . . . . . . . . . . . . . . . . . . . 98
13.4
Power consumption . . . . . . . . . . . . . . . . . . . . 98
13.5
Pin characteristics . . . . . . . . . . . . . . . . . . . . 104
14
Dynamic characteristics . . . . . . . . . . . . . . . . 106
14.1
Wake-up process . . . . . . . . . . . . . . . . . . . . . 106
14.2
IRC (48 MHz/60 MHz and 16 MHz) . . . . . . . 106
14.3
Internal Low Power Oscillator (1 MHz) . . . . . 107
14.4
Crystal oscillator . . . . . . . . . . . . . . . . . . . . . . 107
14.5
RTC oscillator . . . . . . . . . . . . . . . . . . . . . . . . 108
14.6
External Clock Input (CLKIN pin, MCLK pin) 108
14.7
Main/System and Audio PLLs. . . . . . . . . . . . 108
14.8
I2C-bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
14.9
I2S-bus interface . . . . . . . . . . . . . . . . . . . . . . 111
14.10
USART interface . . . . . . . . . . . . . . . . . . . . . . 113
14.11
SPI interfaces (Flexcomm Interfaces 0-7) . . . 114
14.12
High Speed SPI Interface (Flexcomm Interface
14) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
14.13
FlexSPI flash interface . . . . . . . . . . . . . . . . . 120
14.14
SD/MMC and SDIO . . . . . . . . . . . . . . . . . . . 126
14.15
DMIC subsystem . . . . . . . . . . . . . . . . . . . . . 128
14.16
SCTimer/PWM output timing . . . . . . . . . . . . 128
15
Analog characteristics . . . . . . . . . . . . . . . . . 129
15.1
12-bit ADC characteristics . . . . . . . . . . . . . . 129
15.1.1
ADC input impedance . . . . . . . . . . . . . . . . . 131
15.2
Temperature sensor . . . . . . . . . . . . . . . . . . 131
15.2.1
Comparator . . . . . . . . . . . . . . . . . . . . . . . . . 133
16
Application information . . . . . . . . . . . . . . . . 134
16.1
Current consumption vs Memory Partitions . 134
16.2
Standard I/O pin configuration . . . . . . . . . . . 135
16.3
I/O power consumption . . . . . . . . . . . . . . . . 135
16.4
RTC oscillator . . . . . . . . . . . . . . . . . . . . . . . 137
16.4.1
RTC Printed Circuit Board (PCB) design
guidelines. . . . . . . . . . . . . . . . . . . . . . . . . . . 139
16.5
XTAL oscillator . . . . . . . . . . . . . . . . . . . . . . . 140
16.5.1
XTAL Printed Circuit Board (PCB) design
guidelines. . . . . . . . . . . . . . . . . . . . . . . . . . . 141
16.6
Suggested USB interface solutions . . . . . . . 141
16.7
Boundary Scan Mode . . . . . . . . . . . . . . . . . 142
16.8
VDDA_BIAS Power Supply Connection . . . 143
17
Package outline. . . . . . . . . . . . . . . . . . . . . . . 144
18
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
19
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . 158
20
References. . . . . . . . . . . . . . . . . . . . . . . . . . . 158
21
Revision history . . . . . . . . . . . . . . . . . . . . . . 159
22
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com