Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 29Page - Texas Instruments TUSB1104 Datasheet HTML 30Page - Texas Instruments TUSB1104 Datasheet HTML 31Page - Texas Instruments TUSB1104 Datasheet HTML 32Page - Texas Instruments TUSB1104 Datasheet HTML 33Page - Texas Instruments TUSB1104 Datasheet HTML 34Page - Texas Instruments TUSB1104 Datasheet HTML 35Page - Texas Instruments TUSB1104 Datasheet HTML 36Page - Texas Instruments TUSB1104 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Table 7-10. Device Access Type Codes (continued)
Access Type
Code
Description
WtoP
W
Write
Reset or Default Value
-n
Value after reset or the default
value
7.6.1.1 Rev_ID Register (Offset = 8h) [Reset = 01h]
Rev_ID is shown in Table 7-11.
Return to the Summary Table.
Table 7-11. Rev_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
REVISION_ID
RH
1h
Device Revision
7.6.1.2 General_1 Register (Offset = Ah) [Reset = 00h]
General_1 is shown in Table 7-12.
Return to the Summary Table.
This register is used to enable USB as well as selecting the orientation to indicate config lane. Software should
set EQ_OVERRIDE bit in order for EQ registers to be used instead of pins.
Table 7-12. General_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SSRX_LIMIT_ENABLE
R/W
0h
Limited redriver mode enable for SSRX transmitter.
0h = Linear Redriver
1h = Limited Redriver
6
RESERVED
R
0h
Reserved
5
RESERVED
R
0h
Reserved
4
EQ_OVERRIDE
R/W
0h
Setting this field will allow software to use EQ settings from registers
instead of value sampled from pins.
0h = EQ settings based on sampled state of EQ pins.
1h = EQ settings based on programmed value of each of the EQ
registers.
3
RESERVED
R
0h
Reserved
2
FLIP_SEL
R/W
0h
This field controls the orientation.
0h = Normal Orientation
1h = Flip orientation.
1-0
CTLSEL
R/W
0h
Controls whether USB is enabled or not.
0h = Disabled
1h = USB enabled.
2h = Disabled
3h = USB enabled
7.6.1.3 TX1EQ_CTRL Register (Offset = Bh) [Reset = 6Fh]
TX1EQ_CTRL is shown in Table 7-13.
Return to the Summary Table.
This register controls the pre-shoot and de-emphasis levels for SSRX1 when limited redriver mode is enabled.
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com