Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 32Page - Texas Instruments TUSB1104 Datasheet HTML 33Page - Texas Instruments TUSB1104 Datasheet HTML 34Page - Texas Instruments TUSB1104 Datasheet HTML 35Page - Texas Instruments TUSB1104 Datasheet HTML 36Page - Texas Instruments TUSB1104 Datasheet HTML 37Page - Texas Instruments TUSB1104 Datasheet HTML 38Page - Texas Instruments TUSB1104 Datasheet HTML 39Page - Texas Instruments TUSB1104 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Return to the Summary Table.
This register is used to program the EQ used for long channel setting when Fast AEQ is enabled.
Table 7-17. AEQ_LONG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
LONG_CEQ2
R/W
7h
When AEQ_EN = 1 and AEQ_MODE = x0 (i.e., Fast), selects
EQ setting for USB connector port2 (CRX2) when long channel is
detected. The user should program this field with the value that
provides the best Rx JTOL results for a long channel configuration.
3-0
LONG_CEQ1
R/W
7h
When AEQ_EN = 1 and AEQ_MODE = x0, selects EQ setting for
USB connector port1 (CRX1) when long channel is detected. The
user should program this field with the value that provides the best
Rx JTOL results for a long channel configuration.
7.6.1.8 USBC_EQ Register (Offset = 20h) [Reset = 00h]
USBC_EQ is shown in Table 7-18.
Return to the Summary Table.
This register controls the receiver equalization setting for the connector receiver (CRX1 and CRX2).
Table 7-18. USBC_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
CEQ2_SEL
RH/W
0h
If AEQ_EN = 0, this field selects EQ for USB CRX2 receiver which
faces the USB-C receptacle. When EQ_OVERRIDE = 0b, this field
reflects the sampled state of CEQ[1:0] pins. When EQ_OVERRIDE
= 1b, software can change the EQ setting for CRX2p/n pins based
on value written to this field. When AEQ_EN = 1 and AEQ_MODE =
x0, selects EQ setting for USB connector port2 (CRX2) when short
channel is detected. The user should program this field with the
value that provides the best Rx JTOL results for a short channel
configuration.
3-0
CEQ1_SEL
RH/W
0h
If AEQ_EN = 0, this field selects EQ for USB CRX1 receiver which
faces the USB-C receptacle. When EQ_OVERRIDE = 0b, this field
reflects the sampled state of CEQ[1:0] pins. When EQ_OVERRIDE
= 1b, software can change the EQ setting for CRX1p/n pins based
on value written to this field. When AEQ_EN = 1 and AEQ_MODE =
x0, selects EQ setting for USB connector port1 (CRX1) when short
channel is detected. The user should program this field with the
value that provides the best Rx JTOL results for a short channel
configuration.
7.6.1.9 SS_EQ Register (Offset = 21h) [Reset = 00h]
SS_EQ is shown in Table 7-19.
Return to the Summary Table.
This register controls the receiver equalization setting for the SSTX1 and SSTX2.
Table 7-19. SS_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
SSEQ2_SEL
RH/W
0h
This field selects EQ for USB3 SSTX2 receiver which faces the USB
host. When EQ_OVERRIDE = 0b, this field reflects the sampled
state of SSEQ[1:0] pins. When EQ_OVERRIDE = 1b, software can
change the EQ setting for SSTX2p/n pins based on value written to
this field.
TUSB1104
SLLSFL1 – APRIL 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com