Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 39Page - Texas Instruments TUSB1104 Datasheet HTML 40Page - Texas Instruments TUSB1104 Datasheet HTML 41Page - Texas Instruments TUSB1104 Datasheet HTML 42Page - Texas Instruments TUSB1104 Datasheet HTML 43Page - Texas Instruments TUSB1104 Datasheet HTML 44Page - Texas Instruments TUSB1104 Datasheet HTML 45Page - Texas Instruments TUSB1104 Datasheet HTML 46Page - Texas Instruments TUSB1104 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A12
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B1
GND
GND
GND
GND
TXP2
TXN2
VBUS
VBUS
VBUS
VBUS
RXP2
RXN2
SBU1
DN1
DP1
CC1
TXN1
TXP1
RXP1
RXN1
SBU2
CC2
DP2
DN2
CRX2P
CRX2N
CTX2P
CTX2N
CTX1N
CTX1P
CRX1N
CRX1P
SSTX2P
SSTX2N
SSRX2P
SSRX2N
SSTX2P
SSTX2N
SSRX2P
SSRX2N
CAC-USB1
USB 3.2 Host
USB Type-C Receptacle
FLIP/SCL
AEQENZ/SDA
EN
Type-C
CC/PD
Controller
MODE
SSEQ0/A0
SSEQ1/A1
CEQ0
CEQ1
AEQCFG
EQCFG
VIO_SEL
TEST1
VI2C
100nF
10PF
3.3V
100nF
100nF
100nF
TP
CAC-USB1
CAC-USB2
Optional
CAC-USB1
RRX
Optional
CAC-USB2
Optional
Optional
RI2C
RRX
RESD
SSTX1N
SSTX1P
SSRX1N
SSRX1P
CAC-USB1
SSTX1N
SSTX1P
SSRX1N
SSRX1P
SLP_S0#
TESTOUT1
TESTOUT2
GPIO0
RESD
3.3V
MODE
DNI
DNI
3.3V
A0
DNI
DNI
3.3V
A1
DNI
DNI
3.3V
CEQ0
DNI
DNI
3.3V
CEQ1
DNI
DNI
3.3V
AEQCFG
DNI
DNI
3.3V
EQCFG
DNI
DNI
3.3V
VIO_SEL
DNI
DNI
3.3V
TEST1
10-kQ
TEST1
VIO_SEL
EQCFG
AEQCFG
CEQ1
CEQ0
A1
A0
MODE
RESD
RESD
DNI = DO NOT INSTALL
TUSB1104
Figure 11-1. Application Circuit
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com