Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1104 Datasheet HTML 1Page - Texas Instruments TUSB1104 Datasheet HTML 2Page - Texas Instruments TUSB1104 Datasheet HTML 3Page - Texas Instruments TUSB1104 Datasheet HTML 4Page - Texas Instruments TUSB1104 Datasheet HTML 5Page - Texas Instruments TUSB1104 Datasheet HTML 6Page - Texas Instruments TUSB1104 Datasheet HTML 7Page - Texas Instruments TUSB1104 Datasheet HTML 8Page - Texas Instruments TUSB1104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
NC
32
No internal connection.
CTX1p
33
O
Differential positive output for USB port 1. Should be connected to TX1p pin of USB
connector through an external 220 nF AC-coupling capacitor.
CTX1n
34
O
Differential negative output for USB port 1. Should be connected to TX1n pin of USB
connector through an external 220 nF AC-coupling capacitor.
SSEQ0/A0
35
4-level I
(PU/PD)
In I2C mode, this pin along with A1 pin selects the 7-bit I2C target address (refer to Table
7-8). In pin-strap mode, this pin along with SSEQ1 selects the receiver EQ for SSTX1
and/or SSTX2 (refer to Table 7-3).
CRX2n
36
I
Differential negative input for USB port 2. Should be connected to RX2n pin of USB
connector. Connection can be DC-coupled to USB connector. Optionally, connection can
be through an external 330 nF AC-coupling capacitor.
CRX2p
37
I
Differential positive input for USB port 2. Should be connected to RX2p pin of USB
connector. Connection can be DC-coupled to USB connector. Optionally, connection can
be through an external 330 nF AC-coupling capacitor.
CEQ0
38
4-level I
(PU/PD)
In pin-strap mode, this pin along with CEQ1 selects the receiver EQ for CRX1 and/or
CRX2 (Refer to Table 7-2).
CTX2n
39
O
Differential negative output for USB port 2. Should be connected to TX2n pin of USB
connector through an external 220 nF AC-coupling capacitor.
CTX2p
40
O
Differential positive output for USB port 2. Should be connected to TX2p pin of USB
connector through an external 220 nF AC-coupling capacitor.
Thermal Pad
G
Thermal pad. Connect to a solid ground plane.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power, PD = Internal Pull-down, PU = Internal Pull-up.
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com