Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 34Page - Texas Instruments TUSB1104 Datasheet HTML 35Page - Texas Instruments TUSB1104 Datasheet HTML 36Page - Texas Instruments TUSB1104 Datasheet HTML 37Page - Texas Instruments TUSB1104 Datasheet HTML 38Page - Texas Instruments TUSB1104 Datasheet HTML 39Page - Texas Instruments TUSB1104 Datasheet HTML 40Page - Texas Instruments TUSB1104 Datasheet HTML 41Page - Texas Instruments TUSB1104 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Table 7-21. USB1_STATUS Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6
RESERVED
RH/W1C
0h
Reserved
5
RESERVED
RH
0h
Reserved
4
USB32_BY2_STAT1
RH
0h
This field is set if operating in USB3.2 x2.
0h = Operating in USB3.2 x1
1h = Operating in USB3.2 x2
3
CM_ACTIVE1
RH
0h
Compliance mode status.
0h = Not in USB3.1 compliance mode.
1h = In USB3.1 compliance mode.
2
U0_STAT1
RH
0h
U0 Status. Set if enters U0 state.
1
U2U3_STAT1
RH
0h
U2/U3 Status. Set if enters U2/U3 state.
0
DISC_STAT1
RH
1h
Disconnect Status. Set if enters Disconnect state.
7.6.1.12 USB2_STATUS Register (Offset = 25h) [Reset = 01h]
USB2_STATUS is shown in Table 7-22.
Return to the Summary Table.
Table 7-22. USB2_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
USB2_FASTAEQ_STAT
RH
0h
When AEQ_EN = 1 and AEQ_MODE = x0, this status field indicates
whether short or long EQ setting is used. When AEQ_EN = 0, this
field will always default to 0h.
0h = Short channel EQ used.
1h = Long channel EQ used.
6
RESERVED
RH/W1C
0h
Reserved
5
RESERVED
RH
0h
Reserved
4
USB32_BY2_STAT2
RH
0h
This field is set if operating in USB3.2 x2.
0h = Operating in USB3.2 x1
1h = Operating in USB3.2 x2
3
CM_ACTIVE2
RH
0h
Compliance mode status.
0h = Not in USB3.1 compliance mode.
1h = In USB3.1 compliance mode.
2
U0_STAT2
RH
0h
U0 Status. Set if enters U0 state.
1
U2U3_STAT2
RH
0h
U2/U3 Status. Set if enters U2/U3 state.
0
DISC_STAT2
RH
1h
Disconnect Status. Set if enters Disconnect state.
7.6.1.13 VOD_CTRL Register (Offset = 32h) [Reset = C0h]
VOD_CTRL is shown in Table 7-23.
Return to the Summary Table.
This register controls the transmitters output linearity range for both UFP and DFP. When device is configured for
limited redriver (SSRX_LIMIT_ENABLE field is set), USB_SSRX_VOD controls the VOD level for SSRX limited
driver.
Table 7-23. VOD_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
LFPS_VOD
R/W
3h
VOD linearity control for SSRX1, SSRX2, CTX1, and CTX2 when
LFPS is being transmitted.
0h = LINR_L3 (highest)
1h = LINR_L2
2h = LINR_L1
3h = LINR_L0 (lowest)
TUSB1104
SLLSFL1 – APRIL 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com