Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 38Page - Texas Instruments TUSB1104 Datasheet HTML 39Page - Texas Instruments TUSB1104 Datasheet HTML 40Page - Texas Instruments TUSB1104 Datasheet HTML 41Page - Texas Instruments TUSB1104 Datasheet HTML 42Page - Texas Instruments TUSB1104 Datasheet HTML 43Page - Texas Instruments TUSB1104 Datasheet HTML 44Page - Texas Instruments TUSB1104 Datasheet HTML 45Page - Texas Instruments TUSB1104 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
10 Design Requirements
For this design example, use the parameters shown in Table 10-1.
Table 10-1. Design Parameters
PARAMETER
VALUE
10Gbps USB 3.2 pre-channel A to B PCB trace length, XAB.
Refer to Figure 9-1.
2 inches <= XAB <= 12 inches - XCD
10Gbps USB post-channel C to D PCB trace length, XCD. Refer
to Figure 9-1.
up to 4 inches
Minimum distance of the AC capacitors from TUSB1104, LAC-
CAP
0.4 inches
Maximum distance of ESD component from the USB
receptacle, LESD
1.0 inches
Maximum distance of series resistor (RESD) from ESD
component, LR_ESD.
0.25 inches
CAC-USB1 AC-coupling capacitor (75 nF to 265 nF)
220 nF
CAC-USB2 AC-coupling capacitor (297 nF to 363 nF)
Options:
•
RX1 and RX2 are DC-coupled to
USB receptacle
•
330 nF AC-couple with RRX resistor
Optional RRX resistor (220-kΩ ± 5%)
No used
RESD (0-Ω to 2.2-Ω)
1-Ω
VCC supply (3-V to 3.6-V)
3.3-V
I2C Mode or Pin-strap Mode
I2C Mode. (MODE = "F")
1.8-V or 3.3-V I2C Interface
3.3-V I2C. VIO_SEL pin to Float "F".
11 Detailed Design Procedure
A typical usage of the TUSB1104 device is shown in Figure 11-1. The device can be configure either through
its GPIO pins or through its I2C interface. In the following example, a Type-C PD controller or microcontroller is
used to configure the device through the I2C interface. In I2C mode, the equalization settings for each receiver
can be independently controlled through I2C registers. For this reason, all of the equalization pins (SSEQ[1:0],
and CEQ[1:0]) can be left unconnected. If these pins are left unconnected, the TUSB1104 7-bit I2C target
address will be 0x12 because both SSEQ1/A1 and SSEQ0/A0 will be at pin level F. If a different I2C target
address is desired, SSEQ1/A1 and SSEQ0/A0 pins should be set to a level which produces the desired I2C
target address.
TUSB1104
SLLSFL1 – APRIL 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com