Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 31Page - Texas Instruments TUSB1104 Datasheet HTML 32Page - Texas Instruments TUSB1104 Datasheet HTML 33Page - Texas Instruments TUSB1104 Datasheet HTML 34Page - Texas Instruments TUSB1104 Datasheet HTML 35Page - Texas Instruments TUSB1104 Datasheet HTML 36Page - Texas Instruments TUSB1104 Datasheet HTML 37Page - Texas Instruments TUSB1104 Datasheet HTML 38Page - Texas Instruments TUSB1104 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
Table 7-15. AEQ_CONTROL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
FULLAEQ_UPPER_EQ
R/W
8h
This field sets the maximum EQ value to check for full AEQ mode
when in I2C mode.
3
USB3_U1_DISABLE
R/W
0h
This field when set will cause entry to U3 instead of U1 when
electrical idle is detected.
0h = U1 entry after electrical idle.
1h = U3 entry after electrical idle.
2-1
AEQ_MODE
R/W
2h
Selects Adaption mode (Fast, or one of three Full modes).
0h = Fast AEQ.
1h = Full AEQ, with hits counted at mideye for every EQ iteration
(using current EQ setting).
2h = Full AEQ, algorithm II.
3h = Full AEQ, with hits counted at mideye only for first EQ iteration
(using EQ set to the MID_HC_EQ value).
0
AEQ_EN
R/W
1h
Controls whether or not adaptive EQ for USB downstream facing
port is enabled.
0h = AEQ disabled
1h = AEQ enabled
7.6.1.6 AEQ_CONTROL2 Register (Offset = 1Dh) [Reset = 10h]
AEQ_CONTROL2 is shown in Table 7-16.
Return to the Summary Table.
This register allows for controls for the Fast AEQ limits as well as adding or reducing final EQ value used by the
Full AEQ function.
Table 7-16. AEQ_CONTROL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
OVER_EQ_SIGN
R/W
0h
Selects the sign for OVER_EQ_CTRL field.
0h = positive
1h = negative
6
RESERVED
R
0h
Reserved
5-3
FASTAEQ_LIMITS
R/W
2h
Selects the upper/lower limits of DAC for determining short vs long
channel.
0h = +/- 0mV
1h = +/- 40mV
2h = +/- 80mV
3h = +/- 120mV
4h = +/- 160mV
5h = +/- 200mV
6h = +/- 240mV
7h = +/- 280mV
2-0
OVER_EQ_CTRL
R/W
0h
This field will increase or decrease the AEQ by value programmed
into this field. For example, full AEQ value is 6 and this field is
programmed to 2 and OVER_EQ_SIGN = 0, then EQ value used will
be 8. This field is only used in Full AEQ mode.
0h = 0 or -8
1h = 1 or -7
2h = 2 or -6
3h = 3 or -5
4h = 4 or -4
5h = 5 or -3
6h = 6 or -2
7h = 7 or -1
7.6.1.7 AEQ_LONG Register (Offset = 1Eh) [Reset = 77h]
AEQ_LONG is shown in Table 7-17.
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com