Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 6Page - Texas Instruments TUSB1104 Datasheet HTML 7Page - Texas Instruments TUSB1104 Datasheet HTML 8Page - Texas Instruments TUSB1104 Datasheet HTML 9Page - Texas Instruments TUSB1104 Datasheet HTML 10Page - Texas Instruments TUSB1104 Datasheet HTML 11Page - Texas Instruments TUSB1104 Datasheet HTML 12Page - Texas Instruments TUSB1104 Datasheet HTML 13Page - Texas Instruments TUSB1104 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
5.7 USB Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RTX(CM)
Common-mode impedance of the
driver
Measured with respect to AC ground over
0–500 mV
18
30
Ω
VSSRX-LIMITED-VODL0
SSRX differential peak-to-peak
voltage when configured for limited
redriver and LINR_L0
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
750
mVpp
VSSRX-LIMITED-VODL1
SSRX differential peak-to-peak
voltage when configured for limited
redriver and LINR_L1
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
900
mVpp
VSSRX-LIMITED-VODL2
SSRX differential peak-to-peak
voltage when configured for limited
redriver and LINR_L2
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
1000
mVpp
VSSRX-LIMITED-VODL3
SSRX differential peak-to-peak
voltage when configured for limited
redriver and LINR_L3
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
1100
mVpp
VSSRX-DE-RATIO0
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 1;
TX_DEEPHASIS = 2'b00;
USB_SSRX_VOD = 2'b00 (LINR_L3);
Refer to Figure 6-7
-1.8
dB
VSSRX-DE-RATIO1
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN =
1; TX_DEEPHASIS =
2'b01; USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 6-7
-2.1
dB
VSSRX-DE-RATIO2
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN =
1; TX_DEEPHASIS =
2'b10; USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 6-7
-3.2
dB
VSSRX-DE-RATIO3
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN =
1; TX_DEEPHASIS =
2'b11; USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 6-7
-3.8
dB
VSSRX-PRESH-RATIO0
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN =
0; TX_PRESHOOT =
2'b00; USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 6-6
1.6
dB
VSSRX-PRESH-RATIO1
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN =
0; TX_PRESHOOT =
2'b01; USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 6-6
2.1
dB
VSSRX-PRESH-RATIO2
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN =
0; TX_PRESHOOT =
2'b10; USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 6-6
2.5
dB
VSSRX-PRESH-RATIO3
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN =
0; TX_PRESHOOT =
2'b11; USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 6-6
3.0
dB
ITX(SHORT)
TX short circuit current
TX± shorted to GND
60
mA
CTX(PARASITIC)
TX input capacitance for return loss
At package pins, at 5 GHz
1.25
pF
RLTX(DIFF)
Differential return loss
50 MHz – 1.25 GHz at 85 Ω
-28
dB
RLTX(CM)
Common-mode return loss
50 MHz – 5 GHz at 85 Ω
-12
dB
CTX-AC(COUPLING)
External required AC coupling
capacitor
75
265
nF
AC Characteristics
Crosstalk_CRXTX
Differential crosstalk between CTX1/2
and CRX1/2 signal pairs
85 Ω; At 5 GHz; SSEQ[1:0] = 0; CEQ[1:0]
= 0;
-40
dB
TUSB1104
SLLSFL1 – APRIL 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com