Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 41Page - Texas Instruments TUSB1104 Datasheet HTML 42Page - Texas Instruments TUSB1104 Datasheet HTML 43Page - Texas Instruments TUSB1104 Datasheet HTML 44Page - Texas Instruments TUSB1104 Datasheet HTML 45Page - Texas Instruments TUSB1104 Datasheet HTML 46Page - Texas Instruments TUSB1104 Datasheet HTML 47Page - Texas Instruments TUSB1104 Datasheet HTML 48Page - Texas Instruments TUSB1104 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
12 Application Curves
Figure 12-1. 10 Gbps Input Eye At SSTX1
After 12.5 dB at 5 GHz Pre-channel
Figure 12-2. 10 Gbps Output Eye at CTX1
After 1.2 dB at 5 GHz Post-Channel
13 Power Supply Recommendations
The TUSB1104 is designed to operate with a 3.3 V power supply. Levels above those listed in the Absolute
Maximum Ratings table should not be used. If using a higher voltage system power supply, a voltage regulator
can be used to step down to 3.3 V. Decoupling capacitors should be used to reduce noise and improve power
supply integrity. A 0.1 μF de-coupling capacitor should be used on each power pin. The de-coupling capacitor
should be placed close as possible to the power pin. It is also recommended to have a single bulk capacitor of 1
μF to 10 μF.
14 Layout
14.1 Layout Guidelines
1. SSTX1P/N, SSRX1P/N, SSTX2P/N, SSRX2P/N, CRX1P/N, CRX2PN, CTX1P/N, and CTX2P/N pairs should
be routed with controlled 90-Ω differential impedance (±10%).
2. Keep away from other high speed signals.
3. Intra-pair routing (between P and N) should be kept to less than 5 mils.
4. Length matching should be near the location of mismatch.
5. Each pair should be separated at least by 3 times the signal trace width.
6. The use of bends in differential traces should be kept to a minimum. When bends are used, the number of
left and right bends should be as equal as possible and the angle of the bend should be ≥ 135 degrees. This
will minimize any length mismatch caused by the bends and therefore minimize the impact bends have on
EMI.
7. Route all differential pairs on the same of layer.
8. The number of vias should be kept to a minimum. It is recommended to keep the vias count to 2 or less.
9. Keep traces on layers adjacent to ground plane.
10. Do not route differential pairs over any plane split.
11. Adding Test points will cause impedance discontinuity, and therefore, negatively impact signal performance.
If test points are used, they should be placed in series and symmetrically. They must not be placed in a
manner that causes a stub on the differential pair.
12. Highly recommended to have reference plane void under USB-C receptacle's super speed pins to minimize
the capacitance effect of the receptacle.
13. Highly recommended to have reference plane void under the AC-coupling capacitances.
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com