Electronic Components Datasheet Search
  English  ▼

X  

TUSB1104 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1104
Description  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 33Page - Texas Instruments TUSB1104 Datasheet HTML 34Page - Texas Instruments TUSB1104 Datasheet HTML 35Page - Texas Instruments TUSB1104 Datasheet HTML 36Page - Texas Instruments TUSB1104 Datasheet HTML 37Page - Texas Instruments TUSB1104 Datasheet HTML 38Page - Texas Instruments TUSB1104 Datasheet HTML 39Page - Texas Instruments TUSB1104 Datasheet HTML 40Page - Texas Instruments TUSB1104 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
Table 7-19. SS_EQ Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-0
SSEQ1_SEL
RH/W
0h
This field selects EQ for USB SSTX1 receiver which faces the USB
host. When EQ_OVERRIDE = 0b, this field reflects the sampled
state of SSEQ[1:0] pins. When EQ_OVERRIDE = 1b, software can
change the EQ setting for SSTX1p/n pins based on value written to
this field.
7.6.1.10 USB3_MISC Register (Offset = 22h) [Reset = 04h]
USB3_MISC is shown in Table 7-20.
Return to the Summary Table.
Table 7-20. USB3_MISC Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RXD_START_TERM
R/W
0h
Termination setting at start of RX detection following warm reset and
at entry to SS.Inactive.
0h = Maintain termination.
1h = Turn off termination. Avoid compliance failures due to race
between local and remote rxd in case of disconnect. If connection
remains next state was polling regardless.
6-5
U23_RXDET_INTERVAL
R/W
0h
This field controls the Rx.Detect interval for the downstream facing
port (CTX1P/N and CTX2P/N) when in U2/U3.
0h = 48ms
1h = 84ms
2h = 120ms
3h = 156ms
4
DISABLE_U2U3_RXDET
R/W
0h
Controls whether or not Rx.Detect is performed in U2/U3 state.
0h = Rx.Detect in U2/U3 enabled.
1h = Rx.Detect in U2/U3 disabled.
3-2
DFP_RXDET_INTERVAL
R/W
1h
This field controls the Rx.Detect interval for the downstream facing
port (CTX1P/N and CTX2P/N).
0h = 4ms
1h = 6ms
2h = 36ms
3h = 84ms
1
DIS_WARM_RESET_RXD R/W
0h
Disables receiver detection following warm reset if device starts
polling during warm reset.
0h = whether receiver detection is done following warm reset
depends on other settings.
1h = if USB FSM detects that device started polling during warm
reset, it will not do receiver detection.
0
USB_COMPLIANCE_CTR
L
R/W
0h
Controls whether compliance mode detection is determined by FSM
or disabled
0h = Compliance mode determined by FSM.
1h = Compliance mode disabled.
7.6.1.11 USB1_STATUS Register (Offset = 24h) [Reset = 01h]
USB1_STATUS is shown in Table 7-21.
Return to the Summary Table.
Table 7-21. USB1_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
USB1_FASTAEQ_STAT
RH
0h
When AEQ_EN = 1 and AEQ_MODE = x0, this status field indicates
whether short or long EQ setting is used. When AEQ_EN = 0, this
field will always default to 0h.
0h = Short channel EQ used.
1h = Long channel EQ used.
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com