Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 3 Page - Analog Devices

  ADM3058EBRIZ Datasheet HTML 1Page - Analog Devices ADM3058EBRIZ Datasheet HTML 2Page - Analog Devices ADM3058EBRIZ Datasheet HTML 3Page - Analog Devices ADM3058EBRIZ Datasheet HTML 4Page - Analog Devices ADM3058EBRIZ Datasheet HTML 5Page - Analog Devices ADM3058EBRIZ Datasheet HTML 6Page - Analog Devices ADM3058EBRIZ Datasheet HTML 7Page - Analog Devices ADM3058EBRIZ Datasheet HTML 8Page - Analog Devices ADM3058EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADM3058E
Rev. A | Page 3 of 18
SPECIFICATIONS
All voltages are relative to their respective ground, 1.7 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless
otherwise noted. Typical specifications are at VDD1 = VDD2 = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
Bus Side
IDD2
Recessive State
5.3
7
mA
TXD high, load resistance (RL) = 60 Ω
Dominant State
63
75
mA
Limited by transmit dominant timeout (tDT),
see the Theory of Operation section, RL = 60 Ω
70% Dominant/30% Recessive
Worst case, see the Theory of Operation section,
RL = 60 Ω
1 Mbps
45
58
mA
5 Mbps
49
60
mA
12 Mbps
58
65
mA
Logic Side iCoupler Current
IDD1
5.5
mA
TXD high, low, or switching
DRIVER
Differential Outputs
See Figure 17
Recessive State Voltage
TXD high, RL, and common-mode filter
capacitor (CF) open
CANH, CANL
VCANL,
VCANH
2.0
3.0
V
Differential Output
VOD
−500
+50
mV
Dominant State Voltage
TXD low, CF open
CANH
VCANH
2.75
4.5
V
50 Ω ≤ RL ≤ 65 Ω
CANL
VCANL
0.5
2.0
V
50 Ω ≤ RL ≤ 65 Ω
Differential Output
VOD
1.5
3.0
V
50 Ω ≤ RL ≤ 65 Ω
1.4
3.3
V
45 Ω ≤ RL ≤ 70 Ω
1.5
5.0
V
RL = 2240 Ω
Output Symmetry (VDD2 − VCANH to
VCANL)
VSYM
−0.55
+0.55
V
RL = 60 Ω, CF = 4.7 nF
Short-Circuit Current
|ISC|
RL open
Absolute
CANH
115
mA
VCANH = −3 V
CANL
115
mA
VCANL = 18 V
Steady State
CANH
115
mA
VCANH = −24 V
CANL
115
mA
VCANL = 24 V
Logic Input TXD
Input Voltage
High
VIH
0.65 ×
VDD1
V
Low
VIL
0.35 ×
VDD1
V
Complementary Metal-Oxide
Semiconductor (CMOS) Logic Input
Currents
|IIH|, |IIL|
10
μA
Input high or low
RECEIVER
Differential Inputs
Differential Input Voltage Range
VID
See Figure 18, RXD capacitance (CRXD) open,
−25 V < VCANL, VCANH < +25 V
Recessive
−1.0
+0.5
V
Dominant
0.9
5.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com