Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3058EBRIZ Datasheet HTML 5Page - Analog Devices ADM3058EBRIZ Datasheet HTML 6Page - Analog Devices ADM3058EBRIZ Datasheet HTML 7Page - Analog Devices ADM3058EBRIZ Datasheet HTML 8Page - Analog Devices ADM3058EBRIZ Datasheet HTML 9Page - Analog Devices ADM3058EBRIZ Datasheet HTML 10Page - Analog Devices ADM3058EBRIZ Datasheet HTML 11Page - Analog Devices ADM3058EBRIZ Datasheet HTML 12Page - Analog Devices ADM3058EBRIZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
ADM3058E
Rev. A | Page 9 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1 1
TXD 2
RXD 3
GND1 4
VDD2
8
CANH
7
CANL
6
GND2
5
ADM3058E
(Not to Scale)
TOP VIEW
Figure 5. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Power Supply, Logic Side, 1.7 V to 5.5 V. VDD1 requires a 0.1 μF decoupling capacitor.
2
TXD
Driver Input Data.
3
RXD
Receiver Output Data.
4
GND1
Ground, Logic Side.
5
GND2
Ground, Bus Side.
6
CANL
CAN Low Input and Output.
7
CANH
CAN High Input and Output.
8
VDD2
Power Supply, Bus Side, 4.5 V to 5.5 V. VDD2 requires a 0.1 μF decoupling capacitor.
Table 12. Operational Truth Table
VDD1
VDD2
TXD
Mode
RXD
CANH or CANL
On
On
Low
Normal
Low
Dominant (limited by tDT)
On
On
High
Normal
High per bus
Recessive and set by bus
Off
On
Don’t care
Normal
Indeterminate
Recessive and set by bus
On
Off
Don’t care
Transceiver off
High
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com