Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 2 Page - Analog Devices

  ADM3058EBRIZ Datasheet HTML 1Page - Analog Devices ADM3058EBRIZ Datasheet HTML 2Page - Analog Devices ADM3058EBRIZ Datasheet HTML 3Page - Analog Devices ADM3058EBRIZ Datasheet HTML 4Page - Analog Devices ADM3058EBRIZ Datasheet HTML 5Page - Analog Devices ADM3058EBRIZ Datasheet HTML 6Page - Analog Devices ADM3058EBRIZ Datasheet HTML 7Page - Analog Devices ADM3058EBRIZ Datasheet HTML 8Page - Analog Devices ADM3058EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADM3058E
Data Sheet
Rev. A | Page 2 of 18
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Timing Specifications .................................................................. 5
 
Insulation and Safety Related Specifications............................ 6
 
Package Characteristics ............................................................... 6
 
Regulatory Information............................................................... 6
 
DIN V VDE V 0884-11 (VDE V 0884-11) Insulation
Characteristics (Pending)............................................................ 7
 
Absolute Maximum Ratings ........................................................... 8
 
Thermal Resistance ...................................................................... 8
 
Electrostatic Discharge (ESD) Ratings ...................................... 8
 
ESD Caution.................................................................................. 8
 
Pin Configuration and Function Descriptions ............................ 9
 
Typical Performance Characteristics........................................... 10
 
Test Circuits .................................................................................... 12
 
Terminology.................................................................................... 13
 
Theory of Operation ...................................................................... 14
 
CAN Transceiver Operation .................................................... 14
 
Signal Isolation ........................................................................... 14
 
Integrated and Certified IEC Electromagnetic Compatibility
(EMC) Solution .......................................................................... 14
 
±40 V Miswire Protection......................................................... 14
 
Dominant Timeout.................................................................... 14
 
Fail-Safe Features ....................................................................... 14
 
Thermal Shutdown .................................................................... 15
 
Applications Information ............................................................. 16
 
Radiated Emissions and PCB Layout ...................................... 16
 
PCB Layout ................................................................................. 16
 
Thermal Analysis ....................................................................... 16
 
Insulation Lifetime..................................................................... 16
 
Surface Tracking......................................................................... 16
 
Insulation Wear Out.................................................................. 16
 
Calculation and Use of Parameters Example ......................... 17
 
Outline Dimensions....................................................................... 18
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
8/2020—Rev. 0 to Rev. A
Changes to Data Sheet Title and Features Section ...................... 1
6/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com