Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3058EBRIZ Datasheet HTML 2Page - Analog Devices ADM3058EBRIZ Datasheet HTML 3Page - Analog Devices ADM3058EBRIZ Datasheet HTML 4Page - Analog Devices ADM3058EBRIZ Datasheet HTML 5Page - Analog Devices ADM3058EBRIZ Datasheet HTML 6Page - Analog Devices ADM3058EBRIZ Datasheet HTML 7Page - Analog Devices ADM3058EBRIZ Datasheet HTML 8Page - Analog Devices ADM3058EBRIZ Datasheet HTML 9Page - Analog Devices ADM3058EBRIZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADM3058E
Data Sheet
Rev. A | Page 6 of 18
INSULATION AND SAFETY RELATED SPECIFICATIONS
For additional information, see www.analog.com/icouplersafety.
Table 3.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5700
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L (I01)
8.3
mm min
Measured from input terminals to output terminals, shortest
distance through air
Minimum External Tracking (Creepage)
L (I02)
8.3
mm min
Measured from input terminals to output terminals, shortest
distance path along body
Minimum Clearance in the Plane of the
Printed Circuit Board (PCB) Clearance
L (PCB)
8.3
mm min
Measured from input terminals to output terminals, shortest
distance through air, line of sight, in the PCB mounting plane
Minimum Internal Gap (Internal
Clearance)
40
μm min
Insulation distance through insulation
Tracking Resistance (Comparative
Tracking Index)
CTI
>600
V
DIN IEC 112/VDE 0303 Part 1
Material Group
I
Material group (DIN VDE 0110, 1/89, Table 1)
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Ω
Capacitance (Input to Output)1
CI-O
0.9
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
1 The device is considered a 2-terminal device: Pin 1 through Pin 4 are shorted together, and Pin 5 through Pin 8 are shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
See Table 10 and the Insulation Lifetime section for the recommended maximum working voltages for specific cross isolation waveforms
and insulation levels. The ADM3058E is pending approval by the organizations listed in Table 5.
Table 5.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
UL1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice 5A
DIN V VDE V 0884-11
(VDE V 0884-11):
2017-012
Certified under CQC11-
471543-2012
Single Protection, 5.7 kV rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and
IEC 60950-1, second edition, +A1+A2:
Reinforced insulation,
1500 V peak, VIOTM = 8000 V
GB4943.1-2011
Basic insulation at 830 V rms (1137 V peak)
Basic insulation at 830 V rms
(1137 V peak)
Reinforced insulation at 415 V rms
(587 V peak)
Reinforced insulation at
415 V rms (587 V peak)
IEC 60601-1 Edition 3.1:
Reinforced insulation (2 means of patient
protection (MOPP)), 261V rms (291 V dc)
CSA 61010-1-12 and IEC 61010-1 third edition:
Basic insulation at: 300 V rms mains, 830 V
secondary (1174 V peak)
Reinforced insulation at: 300 V rms mains,
415 V secondary (587 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1 In accordance with UL 1577, each ADM3058E is proof tested by applying an insulation test voltage ≥ 6840 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-11, each product is proof tested by applying an insulation test voltage ≥ 2813 V peak for 1 sec (partial discharge detection limit =
5 pC). The * marking branded on the component designates DIN V VDE V 0884-11 approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com