Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM3058EBRIZ Datasheet HTML 10Page - Analog Devices ADM3058EBRIZ Datasheet HTML 11Page - Analog Devices ADM3058EBRIZ Datasheet HTML 12Page - Analog Devices ADM3058EBRIZ Datasheet HTML 13Page - Analog Devices ADM3058EBRIZ Datasheet HTML 14Page - Analog Devices ADM3058EBRIZ Datasheet HTML 15Page - Analog Devices ADM3058EBRIZ Datasheet HTML 16Page - Analog Devices ADM3058EBRIZ Datasheet HTML 17Page - Analog Devices ADM3058EBRIZ Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
ADM3058E
Rev. A | Page 15 of 18
THERMAL SHUTDOWN
The integrated transceiver is designed with thermal shutdown
circuitry to protect the device from excessive power dissipation
during fault conditions. Shorting the driver outputs to a low
impedance source can result in high driver currents. The thermal
sensing circuitry detects the increase in die temperature under
this condition and disables the driver outputs. The circuitry
disables the driver outputs when the die temperature reaches
175°C. The drivers are enabled after the die has cooled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com