Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM3058EBRIZ Datasheet HTML 10Page - Analog Devices ADM3058EBRIZ Datasheet HTML 11Page - Analog Devices ADM3058EBRIZ Datasheet HTML 12Page - Analog Devices ADM3058EBRIZ Datasheet HTML 13Page - Analog Devices ADM3058EBRIZ Datasheet HTML 14Page - Analog Devices ADM3058EBRIZ Datasheet HTML 15Page - Analog Devices ADM3058EBRIZ Datasheet HTML 16Page - Analog Devices ADM3058EBRIZ Datasheet HTML 17Page - Analog Devices ADM3058EBRIZ Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
ADM3058E
Rev. A | Page 17 of 18
CALCULATION AND USE OF PARAMETERS
EXAMPLE
The following example frequently arises in power conversion
applications. Assume that the line voltage on one side of the
isolation is 240 V ac rms and a 400 V dc bus voltage is present
on the other side of the isolation barrier. The isolator material
is polyimide. To establish the critical voltages in determining
the creepage, clearance, and lifetime of a device, see Figure 23
and the following equations.
TIME
VAC RMS
VRMS
VDC
VPEAK
Figure 23. Critical Voltage Example
The working voltage across the barrier from Equation 1 is
22
RMS
AC RMS
DC
VV
V

2
2
400
240 
RMS
V
VRMS = 466 V
This VRMS value is the working voltage used together with the
material group and pollution degree when looking up the creepage
required by a system standard.
To determine if the lifetime is adequate, obtain the time varying
portion of the working voltage. To obtain the ac rms voltage,
VAC RMS, use Equation 2.
2
2
DC
RMS
RMS
AC
V
V
V
2
2
400
466 
RMS
AC
V
VAC RMS = 240 V rms
In this case, VAC RMS is simply the line voltage of 240 V rms. This
calculation is more relevant when the waveform is not sinusoidal.
The value is compared to the limits for working voltage in Table 10
for the expected lifetime, which is less than a 60 Hz sine wave,
and is well within the limit for a 50-year service life.
Note that the dc working voltage limit is set by the creepage of
the package as specified in IEC 60664-1. This value can differ
for specific system level standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com